Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5365 Arkusz danych(PDF) 8 Page - Silicon Laboratories

Numer części SI5365
Szczegółowy opis  PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5365 Arkusz danych(HTML) 8 Page - Silicon Laboratories

Back Button SI5365 Datasheet HTML 4Page - Silicon Laboratories SI5365 Datasheet HTML 5Page - Silicon Laboratories SI5365 Datasheet HTML 6Page - Silicon Laboratories SI5365 Datasheet HTML 7Page - Silicon Laboratories SI5365 Datasheet HTML 8Page - Silicon Laboratories SI5365 Datasheet HTML 9Page - Silicon Laboratories SI5365 Datasheet HTML 10Page - Silicon Laboratories SI5365 Datasheet HTML 11Page - Silicon Laboratories SI5365 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Si5365
8
Preliminary Rev. 0.34
3RST
ILVCMOS
External Reset.
Active low input that performs external hardware reset of device. Resets
all internal logic to a known state and forces the device registers to their
default value. Clock outputs are tristated during reset. After rising edge
of RST signal, the device will perform an internal self-calibration.
This pin has a weak pull-up.
4
FRQTBL
I
3-Level
Frequency Table Select.
This pin selects SONET/SDH, datacom, or SONET/SDH to datacom fre-
quency translation table.
L = SONET/SDH.
M= Datacom.
H = SONET/SDH to Datacom.
This pin has a weak pull-down.
5, 6, 15,
27, 32, 42,
62, 63, 76,
79, 81, 84,
86, 89, 91,
94, 96, 99,
100
VDD
VDD
Supply
VDD.
The device operates from a 1.8 or 2.5 V supply. Bypass capacitors
should be associated with the following VDD pins:
Pins
Bypass Cap
5, 6
0.1 µF
15
0.1 µF
27
0.1 µF
62, 63
0.1 µF
76, 79
1.0 µF
81, 84
0.1 µF
86, 89
0.1 µF
91, 94
0.1 µF
96, 99, 100
0.1 µF
7, 8, 14,
16, 18, 19,
26, 28, 31,
33, 36, 38,
41, 43, 46,
51, 56, 64,
65
GND
GND
Supply
Ground.
These pins must be connected to system ground. Minimize the ground
path impedance for optimal performance.
9C1B
O
LVCMOS
CKIN1 Invalid Indicator.
This pin is an active high alarm output associated with CKIN1. Once trig-
gered, the alarm will remain high until CKIN1 is validated.
0 = No alarm on CKIN1.
1 = Alarm on CKIN1.
10
C2B
O
LVCMOS
CKIN2 Invalid Indicator.
This pin is an active high alarm output associated with CKIN2. Once trig-
gered, the alarm will remain high until CKIN2 is validated.
0 = No alarm on CKIN2.
1 = Alarm on CKIN2.
11
C3B
O
LVCMOS
CKIN3 Invalid Indicator.
This pin is an active high alarm output associated with CKIN3.
0 = No alarm on CKIN3.
1 = Alarm on CKIN3.
Table 3. Si5365 Pin Descriptions (Continued)
Pin #
Pin Name I/O Signal Level
Description


Podobny numer części - SI5365

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si5365 SILABS-Si5365 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5365 SKYWORKS-SI5365 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5365-C-GQ SKYWORKS-SI5365-C-GQ Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
More results

Podobny opis - SI5365

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5322 SILABS-SI5322 Datasheet
213Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
   UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5367 SILABS-SI5367 Datasheet
253Kb / 18P
   關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com