Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5367 Arkusz danych(PDF) 6 Page - Silicon Laboratories

Numer części SI5367
Szczegółowy opis  關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5367 Arkusz danych(HTML) 6 Page - Silicon Laboratories

Back Button SI5367 Datasheet HTML 2Page - Silicon Laboratories SI5367 Datasheet HTML 3Page - Silicon Laboratories SI5367 Datasheet HTML 4Page - Silicon Laboratories SI5367 Datasheet HTML 5Page - Silicon Laboratories SI5367 Datasheet HTML 6Page - Silicon Laboratories SI5367 Datasheet HTML 7Page - Silicon Laboratories SI5367 Datasheet HTML 8Page - Silicon Laboratories SI5367 Datasheet HTML 9Page - Silicon Laboratories SI5367 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Si5367
6
Preliminary Rev. 0.3
1. Functional Description
The Si5367 is a low jitter, precision clock multiplier for
applications requiring clock multiplication without jitter
attenuation. The Si5367 accepts four clock inputs
ranging from 10 to 707 MHz and generates five
frequency-multiplied clock outputs ranging from 10 to
945 MHz and select frequencies to 1.4 GHz. The device
provides virtually any frequency translation combination
across this operating range. Independent dividers are
available for every input clock and output clock, so the
Si5367 can accept input clocks at different frequencies
and it can generate output clocks at different
frequencies. The Si5367 input clock frequency and
clock multiplication ratio are programmable through an
I2C or SPI interface. Silicon Laboratories offers a PC-
based software utility, DSPLLsim, that can be used to
determine the optimum PLL divider settings for a given
input frequency/clock multiplication ratio combination
that minimizes phase noise and power consumption.
This
utility
can
be
downloaded
from
www.silabs.com/timing.
The Si5367 is based on Silicon Laboratories' 3rd-
generation DSPLL® technology, which provides any-
rate frequency synthesis in a highly integrated PLL
solution that eliminates the need for external VCXO and
loop filter components. The Si5367 PLL loop bandwidth
is digitally programmable and supports a range from
30 kHz to 1.3 MHz. The DSPLLsim software utility can
be used to calculate valid loop bandwidth settings for a
given input clock frequency/clock multiplication ratio.
The Si5367 monitors all input clocks for loss-of-signal
and provides a LOS alarm when it detects missing
pulses on its inputs.
In the case when the input clocks enter alarm
conditions, the PLL will freeze the DCO output
frequency near its last value to maintain operation with
an internal state close to the last valid operating state.
The Si5367 has five differential clock outputs. The
signal format of the clock outputs is programmable to
support LVPECL, LVDS, CML, or CMOS loads. If not
required, unused clock outputs can be powered down to
minimize power consumption. The phase difference
between the selected input clock and the output clocks
is adjustable in 200 ps increments for system skew
control. In addition, the phase of each output clock may
be adjusted in relation to the other output clocks. The
resolution varies from 800 ps to 2.2 ns depending on
the PLL divider settings. Consult the DSPLLsim
configuration software to determine the phase offset
resolution for a given input clock/clock multiplication
ratio combination. For system-level debugging, a
bypass mode is available which drives the output clock
directly from the input clock, bypassing the internal
DSPLL. The device is powered by a single 1.8 or 2.5 V
supply.
1.1. Further Documentation
Consult the Silicon Laboratories Any-Rate Precision
Clock Family Reference Manual (FRM) for more
detailed information about the Si5367. The FRM can be
downloaded from www.silabs.com/timing.
Silicon Laboratories has developed a PC-based
software utility called DSPLLsim to simplify device
configuration, including frequency planning and loop
bandwidth selection. This utility can be downloaded
from www.silabs.com/timing.


Podobny numer części - SI5367

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si5367 SILABS-Si5367 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5367 SKYWORKS-SI5367 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
More results

Podobny opis - SI5367

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
   UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5322 SILABS-SI5322 Datasheet
213Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com