Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5367A-B-GQ Arkusz danych(PDF) 5 Page - Silicon Laboratories

Numer części SI5367A-B-GQ
Szczegółowy opis  關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5367A-B-GQ Arkusz danych(HTML) 5 Page - Silicon Laboratories

  SI5367A-B-GQ Datasheet HTML 1Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 2Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 3Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 4Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 5Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 6Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 7Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 8Page - Silicon Laboratories SI5367A-B-GQ Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Si5367
Preliminary Rev. 0.3
5
Figure 2. Si5367 Typical Application Circuit (I2C Control Mode)
Figure 3. Si5367 Typical Application Circuit (SPI Control Mode)
Si5367
CKIN1+
CKIN1–
INT_ALM
CnB
RST
CKOUT1+
CKOUT1–
Input
Clock
Sources*
Serial Data
Serial Clock
Reset
Interrupt/Alarm Output
Indicator
CKINn Invalid Indicator
(n = 1 to 3)
Clock
Outputs
SDA
SCL
I2C
Interface
Serial Port
Address
A[2:0]
CMODE
Control Mode (L)
CKOUT5+
CKOUT5–
CKIN4+
CKIN4–
Assumes differential LVPECL termination (3.3 V) on clock inputs.
*Note:
Ferrite
Bead
System
Power
Supply
C10
C1–9
0.1 µF
1 µF
0.1 µF
100
0.1 µF
+
0.1 µF
100
0.1 µF
+
130
130
82
82
VDD = 3.3 V
130
130
82
82
VDD = 3.3 V
Si5367
CKIN1+
CKIN1–
INT_ALM
CnB
SPI
Interface
RST
CKOUT1+
CKOUT1–
Reset
Interrupt/Alarm Output
Indicator
CKIN_n Invalid
Indicator (n = 1 to 3)
Serial Data
Out
Serial Data
In
SDO
SDI
Serial Clock
SCL
Slave Select
SS
CMODE
Control Mode
CKOUT5+
CKOUT5–
CKIN4+
CKIN4–
Input
Clock
Sources*
130
130
82
82
VDD = 3.3 V
130
130
82
82
VDD = 3.3 V
Clock
Outputs
0.1 µF
100
0.1 µF
+
0.1 µF
100
0.1 µF
+
Ferrite
Bead
System
Power
Supply
C10
C1–9
0.1 µF
1 µF
Assumes differential LVPECL termination (3.3 V) on clock inputs.
*Note:


Podobny numer części - SI5367A-B-GQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si5367 SILABS-Si5367 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5367 SKYWORKS-SI5367 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
More results

Podobny opis - SI5367A-B-GQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
   UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5322 SILABS-SI5322 Datasheet
213Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com