Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU406 Arkusz danych(PDF) 1 Page - Power Innovations Ltd

Numer części BU406
Szczegółowy opis  NPN SILICON POWER TRANSISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POINN [Power Innovations Ltd]
Strona internetowa  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BU406 Arkusz danych(HTML) 1 Page - Power Innovations Ltd

  BU406 Datasheet HTML 1Page - Power Innovations Ltd BU406 Datasheet HTML 2Page - Power Innovations Ltd BU406 Datasheet HTML 3Page - Power Innovations Ltd BU406 Datasheet HTML 4Page - Power Innovations Ltd BU406 Datasheet HTML 5Page - Power Innovations Ltd BU406 Datasheet HTML 6Page - Power Innovations Ltd BU406 Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BU406, BU407
NPN SILICON POWER TRANSISTORS
PRODUCT
INFORMATION
1
AUGUST 1978 - REVISED MARCH 1997
Copyright © 1997, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
q
7 A Continuous Collector Current
q
15 A Peak Collector Current
q
60 W at 25°C Case Temperature
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3
absolute maximum ratings
at 25°C case temperature (unless otherwise noted)
NOTE
1: This value applies for tp ≤ 10 ms, duty cycle ≤ 2%.
RATING
SYMBOL
VALUE
UNIT
Collector-base voltage (IE = 0)
BU406
BU407
VCBO
400
330
V
Collector-emitter voltage (VBE = -2 V)
BU406
BU407
VCEX
400
330
V
Collector-emitter voltage (IB = 0)
BU406
BU407
VCEO
200
150
V
Emitter-base voltage
VEB
6
V
Continuous collector current
IC
7
A
Peak collector current (see Note 1)
ICM
15
A
Continuous base current
IB
4
A
Continuous device dissipation at (or below) 25°C case temperature
Ptot
60
W
Operating junction temperature range
Tj
-55 to +150
°C
Storage temperature range
Tstg
-55 to +150
°C


Podobny numer części - BU406

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
BU406 MOSPEC-BU406 Datasheet
106Kb / 3P
   POWER TRANSISTORS(7A,150-200V,60W)
logo
Dc Components
BU406 DCCOM-BU406 Datasheet
194Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
JILIN SINO-MICROELECTRO...
BU406 JSMC-BU406 Datasheet
287Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Motorola, Inc
BU406 MOTOROLA-BU406 Datasheet
100Kb / 4P
   7 AMPERES NPN SILICON POWER TRANSISTORS 60 WATTS 150 and 200 VOLTS
logo
ON Semiconductor
BU406 ONSEMI-BU406 Datasheet
127Kb / 3P
   NPN Power Transistors
May, 2009 ??Rev. 8
More results

Podobny opis - BU406

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com