Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU426A Arkusz danych(PDF) 4 Page - Power Innovations Ltd

Numer części BU426A
Szczegółowy opis  NPN SILICON POWER TRANSISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POINN [Power Innovations Ltd]
Strona internetowa  http://www.bourns.com
Logo POINN - Power Innovations Ltd

BU426A Arkusz danych(HTML) 4 Page - Power Innovations Ltd

  BU426A Datasheet HTML 1Page - Power Innovations Ltd BU426A Datasheet HTML 2Page - Power Innovations Ltd BU426A Datasheet HTML 3Page - Power Innovations Ltd BU426A Datasheet HTML 4Page - Power Innovations Ltd BU426A Datasheet HTML 5Page - Power Innovations Ltd BU426A Datasheet HTML 6Page - Power Innovations Ltd BU426A Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BU426, BU426A
NPN SILICON POWER TRANSISTORS
4
AUGUST 1978 - REVISED MARCH 1997
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 3.
Figure 4.
Figure 5.
Figure 6.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·1
1·0
10
1·0
10
100
TCP741AF
V
CE = 1.5 V
V
CE =
5 V
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - A
0
0·5
1·0
1·5
2·0
0
1
2
3
4
5
6
7
TCP741AG
I
C = 4 A
I
C = 3 A
I
C = 2 A
I
C = 1 A
T
C =
25°C
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - A
0
0·5
1·0
1·5
2·0
0
1
2
3
4
5
6
7
TCP741AH
I
C = 4 A
I
C = 3 A
I
C = 2 A
I
C = 1 A
T
C = 100°C
BASE-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - A
0
0·2
0·4
0·6
0·8
1·0
1·2
1·4
1·6
0·6
0·7
0·8
0·9
1·0
1·1
1·2
TCP741AI
T
C = 25°C
I
C = 4 A
I
C = 3 A
I
C = 2 A
I
C = 1 A


Podobny numer części - BU426A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
BU426A MOSPEC-BU426A Datasheet
103Kb / 3P
   POWER TRANSISTORS(6.0A,375-400V,113W)
logo
Transys Electronics
BU426A TRSYS-BU426A Datasheet
716Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Wing Shing Computer Com...
BU426A WINGS-BU426A Datasheet
20Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Siemens Semiconductor G...
BU426A SIEMENS-BU426A Datasheet
38Kb / 2P
   NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BU426A BOURNS-BU426A Datasheet
129Kb / 6P
   NPN SILICON POWER TRANSISTORS
More results

Podobny opis - BU426A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com