Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33076 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC33076
Szczegółowy opis  Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33076 Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC33076_1 Datasheet HTML 1Page - ON Semiconductor MC33076_1 Datasheet HTML 2Page - ON Semiconductor MC33076_1 Datasheet HTML 3Page - ON Semiconductor MC33076_1 Datasheet HTML 4Page - ON Semiconductor MC33076_1 Datasheet HTML 5Page - ON Semiconductor MC33076_1 Datasheet HTML 6Page - ON Semiconductor MC33076_1 Datasheet HTML 7Page - ON Semiconductor MC33076_1 Datasheet HTML 8Page - ON Semiconductor MC33076_1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC33076
http://onsemi.com
3
DC ELECTRICAL CHARACTERICISTICS (VCC = +15 V, VEE = –15 V, TA = 25°C, unless otherwise noted.)
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Output Short Circuit Current (VID = ±1.0 V Output to Gnd)
(VCC = +15 V, VEE = –15 V)
Source
Sink
(VCC = +2.5 V, VEE = –2.5 V)
Source
Sink
13, 14
ISC
190
63
+250
–280
+94
–80
–215
–46
mA
Power Supply Current per Amplifier (VO = 0 V)
(VS = ±2.5 V to ±15 V)
TA = +25°C
TA = –40° to +85°C
15
ID
2.2
2.8
3.3
mA
AC ELECTRICAL CHARACTERICISTICS (VCC = +15 V, VEE = –15 V, TA = 25°C, unless otherwise noted.)
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Slew Rate (Vin = –10 V to +10 V, RL = 100 Ω, CL = 100 pF, AV = 1.0)
16
SR
1.2
2.6
V/
µs
Gain Bandwidth Product (f = 20 kHz)
17
GBW
4.0
7.4
MHz
Unity Gain Bandwidth (Open Loop) (RL = 600 Ω, CL = 0 pF)
BW
3.5
MHz
Gain Margin (RL = 600 Ω, CL = 0 pF)
20, 21
Am
15
dB
Phase Margin (RL = 600 Ω, CL = 0 pF)
20, 21
m
52
Deg
Channel Separation (f = 100 Hz to 20 kHz)
22
CS
–120
dB
Power Bandwidth (VO = 20 Vpp, RL = 600 Ω, THD ≤ 1%)
BWp
32
kHz
Total Harmonic Distortion (RL = 600 Ω, VO = 2.0 Vpp, AV = 1.0)
f = 1.0 kHz
f = 10 kHz
f = 20 kHz
23
THD
0.0027
0.011
0.022
%
Open Loop Output Impedance (VO = 0 V, f = 2.5 MHz, AV = 10)
24
|ZO|
75
Differential Input Resistance (VCM = 0 V)
Rin
200
k
Differential Input Capacitance (VCM = 0 V)
Cin
10
pF
Equivalent Input Noise Voltage (RS = 100 Ω)
f = 10 Hz
f = 1.0 kHz
25
en
7.5
5.0
nV/
√Hz
Equivalent Input Noise Current
f = 10 Hz
f = 1.0 kHz
in
0.33
0.15
pA/
√Hz


Podobny numer części - MC33076_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33076P1 ONSEMI-MC33076P1 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
More results

Podobny opis - MC33076_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMV712 TI1-LMV712_13 Datasheet
190Kb / 11P
[Old version datasheet]   LOW-POWER LOW-NOISE HIGH-OUTPUT RRIO DUAL OPERATIONAL AMPLIFIER
LMV712-N TI1-LMV712-N_16 Datasheet
1Mb / 24P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM4585 NJRC-NJM4585 Datasheet
847Kb / 6P
   Low Noise, Bipolar Input Dual, Audio Operational amplifier
Ver.00
NJM8068 NJRC-NJM8068 Datasheet
1Mb / 14P
   LOW NOISE, BIPOLAR INPUT DUAL AUDIO OPERATIONAL AMPLIFIER
Ver.3.1
logo
Texas Instruments
LMV712 TI1-LMV712 Datasheet
450Kb / 18P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712TLX TI-LMV712TLX Datasheet
1Mb / 22P
[Old version datasheet]   LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
logo
KEC(Korea Electronics)
KIA4559P KEC-KIA4559P Datasheet
92Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL LOW NOISE OPERATIONAL AMPLIFIER)
logo
National Semiconductor ...
LMV712 NSC-LMV712 Datasheet
505Kb / 14P
   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com