Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33076P1 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC33076P1
Szczegółowy opis  Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33076P1 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC33076P1 Datasheet HTML 1Page - ON Semiconductor MC33076P1 Datasheet HTML 2Page - ON Semiconductor MC33076P1 Datasheet HTML 3Page - ON Semiconductor MC33076P1 Datasheet HTML 4Page - ON Semiconductor MC33076P1 Datasheet HTML 5Page - ON Semiconductor MC33076P1 Datasheet HTML 6Page - ON Semiconductor MC33076P1 Datasheet HTML 7Page - ON Semiconductor MC33076P1 Datasheet HTML 8Page - ON Semiconductor MC33076P1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2001
February, 2001 – Rev. 1
1
Publication Order Number:
MC33076/D
MC33076
Dual High Output Current,
Low Power, Low Noise
Bipolar Operational Amplifier
The MC33076 operational amplifier employs bipolar technology
with innovative high performance concepts for audio and industrial
applications. This device uses high frequency PNP input transistors to
improve frequency response. In addition, the amplifier provides high
output current drive capability while minimizing the drain
current. The all NPN output stage exhibits no deadband crossover
distortion, large output voltage swing, excellent phase and gain
margins, low open loop high frequency output impedance and
symmetrical source and sink AC frequency performance.
The MC33076 is tested over the automotive temperature range and
is available in an 8–pin SOIC package (D suffix) and in the standard
8 pin DIP package for high power applications.
100 Ω Output Drive Capability
Large Output Voltage Swing
Low Total Harmonic Distortion
High Gain Bandwidth: 7.4 MHz
High Slew Rate: 2.6 V/µs
Dual Supply Operation: ±2.0 V to ±18 V
High Output Current: ISC = 250 mA typ
Similar Performance to MC33178
Figure 1. Equivalent Circuit Schematic
(Each Amplifier)
Vin+
VCC
Vin-
VEE
Iref
Iref
CC
CM
Vout
Device
Package
Shipping
ORDERING INFORMATION
MC33076D
SO–8
98 Units/Rail
MC33076DR2
SO–8
http://onsemi.com
2500 Tape & Reel
PDIP–8
P1 SUFFIX
CASE 626
1
8
SO–8
D SUFFIX
CASE 751
1
8
MARKING
DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
MC33076P1
PDIP–8
50 Units/Rail
PIN CONNECTIONS
(8 Pin Pkg, Top View)
8
7
6
5
Inputs 1
1
2
3
4
Output 1
VEE
Output 2
VCC
Inputs 2
-
+ 1
-
+
2
1
8
MC33076P1
AWL
YYWW
ALYW
33076
1
8


Podobny numer części - MC33076P1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33076P1 ONSEMI-MC33076P1 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
More results

Podobny opis - MC33076P1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMV712 TI1-LMV712_13 Datasheet
190Kb / 11P
[Old version datasheet]   LOW-POWER LOW-NOISE HIGH-OUTPUT RRIO DUAL OPERATIONAL AMPLIFIER
LMV712-N TI1-LMV712-N_16 Datasheet
1Mb / 24P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
logo
ON Semiconductor
MC33178 ONSEMI-MC33178 Datasheet
262Kb / 12P
   HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
1996 REV 0
logo
Unisonic Technologies
MC33178 UTC-MC33178_17 Datasheet
151Kb / 6P
   HIGH OUTPUT CURRENT LOW NOISE, LOW POWER OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM4585 NJRC-NJM4585 Datasheet
847Kb / 6P
   Low Noise, Bipolar Input Dual, Audio Operational amplifier
Ver.00
NJM8068 NJRC-NJM8068 Datasheet
1Mb / 14P
   LOW NOISE, BIPOLAR INPUT DUAL AUDIO OPERATIONAL AMPLIFIER
Ver.3.1
logo
Texas Instruments
LMV712 TI1-LMV712 Datasheet
450Kb / 18P
[Old version datasheet]   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712TLX TI-LMV712TLX Datasheet
1Mb / 22P
[Old version datasheet]   LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
logo
KEC(Korea Electronics)
KIA4559P KEC-KIA4559P Datasheet
92Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL LOW NOISE OPERATIONAL AMPLIFIER)
logo
National Semiconductor ...
LMV712 NSC-LMV712 Datasheet
505Kb / 14P
   Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com