Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB10150F Arkusz danych(PDF) 1 Page - Won-Top Electronics

Numer części SB10150F
Szczegółowy opis  10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WTE [Won-Top Electronics]
Strona internetowa  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB10150F Arkusz danych(HTML) 1 Page - Won-Top Electronics

  SB10150F Datasheet HTML 1Page - Won-Top Electronics SB10150F Datasheet HTML 2Page - Won-Top Electronics SB10150F Datasheet HTML 3Page - Won-Top Electronics SB10150F Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SB10150F
1 of 4
© 2006 Won-Top Electronics
Pb
SB10150F
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Features
!
Schottky Barrier Chip
B
!
Guard Ring for Transient Protection
!
Low Forward Voltage Drop
C
!
Low Reverse Leakage Current
!
High Surge Current Capability
G
A
!
Plastic Material has UL Flammability
Classification 94V-O
PIN1
3
                D
Mechanical Data
F
E
!
Case: ITO-220A, Full Molded Plastic
!
Terminals: Plated Leads Solderable per
P
MIL-STD-202, Method 208
!
Polarity: See Diagram
I
!
Weight: 2.24 grams (approx.)
!
Mounting Position: Any
H
L
!
Mounting Torque: 11.5 cm-kg (10 in-lbs) Max.
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
PIN 1 +
J
PIN 3 -
K
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SB10150F
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
150
V
RMS Reverse Voltage
VR(RMS)
105
V
Average Rectified Output Current
@TL = 95°C
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
150
A
Forward Voltage
@IF = 10A
VFM
0.92
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
50
mA
Typical Junction Capacitance (Note 1)
Cj
700
pF
Typical Thermal Resistance (Note 2)
RJC
4.0
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to case mounted on heatsink.
WTE
POWER SEMICONDUCTORS
ITO-220A
Dim
Min
Max
A
14.60
15.40
B
9.70
10.30
C
2.55
2.85
D
3.56
4.16
E
13.00
13.80
F
0.30
0.90
G
3.00 Ø
3.50 Ø
H
6.30
6.90
I
4.20
4.80
J
2.50
2.90
K
0.36
0.80
L
2.90
3.30
P
4.83
5.33
All Dimensions in mm


Podobny numer części - SB10150F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PACELEADER INDUSTRIAL
SB10150F PACELEADER-SB10150F Datasheet
297Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB10150F WTE-SB10150F Datasheet
67Kb / 4P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Global Corp...
SB10150FC SIRECT-SB10150FC Datasheet
178Kb / 3P
   Power Schottky Rectifier - 10Amp 150Volt
logo
Won-Top Electronics
SB10150FCT WTE-SB10150FCT Datasheet
48Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB10150FCT PANJIT-SB10150FCT Datasheet
431Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SB10150F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Won-Top Electronics
SB10150 WTE-SB10150 Datasheet
48Kb / 4P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB10150 WTE-SB10150_08 Datasheet
76Kb / 4P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
SB10150F WTE-SB10150F_08 Datasheet
67Kb / 4P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1070CT DIODES-MBR1070CT_1 Datasheet
73Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. 2 - 2
MBR1070CT DIODES-MBR1070CT Datasheet
64Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. A-2
logo
Won-Top Electronics
SB10150CT WTE-SB10150CT Datasheet
47Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB10150CT WTE-SB10150CT_08 Datasheet
51Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB10150FCT WTE-SB10150FCT Datasheet
48Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Tak Cheong Electronics ...
TCMBR10100CT TAK_CHEONG-TCMBR10100CT Datasheet
107Kb / 2P
   10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
MBR10100CT TAK_CHEONG-MBR10100CT Datasheet
167Kb / 4P
   10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com