Zakładka z wyszukiwarką danych komponentów |
|
S-1112B15MC-L6ATFG Arkusz danych(PDF) 8 Page - Seiko Instruments Inc |
|
S-1112B15MC-L6ATFG Arkusz danych(HTML) 8 Page - Seiko Instruments Inc |
8 / 29 page HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR S-1112/1122 Series Rev.5.0_00 8 Seiko Instruments Inc. Absolute Maximum Ratings Table 6 (Ta = 25°C unless otherwise specified) Item Symbol Absolute Maximum Rating Unit Input voltage VIN VSS − 0.3 to VSS + 7 V VON/OFF VSS − 0.3 to VIN + 0.3 Output voltage VOUT VSS − 0.3 to VIN + 0.3 Power dissipation SNT-6A(H) PD 500 *1 SOT-23-5 300 mW Operating ambient temperature Topr −40 to +85 °C Storage temperature Tstg −40 to +125 *1. At mounted on printed circuit board [Mounted board] (1) Board size : 114 mm × 76 mm × t1.6 mm (2) Board name : JEDEC STANDARD51-7 Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be exceeded under any conditions. 0 50 100 150 600 400 0 Ambient temperature (Ta) [ °C] SNT-6A(H) 200 Figure 4 Power Dissipation of The Package (Mounting on Printed Circuit Board) |
Podobny numer części - S-1112B15MC-L6ATFG |
|
Podobny opis - S-1112B15MC-L6ATFG |