Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4762A Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części 1N4762A
Szczegółowy opis  Glass Passivated Junction Silicon Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4762A Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1N4762A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4762A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4762A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4762A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4762A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FIG.1- POWER TEMPERATURE DERATING CURVE
FIG.2- TYPICAL FORWARD CHARACTERISTICS
FIG.3- EFFECT OF ZENER CURRENT
ON ZENER IMPEDANCE
FIG.5- TYPICAL LEAKAGE CURRENT
FIG.4- EFFECT OF ZENER VOLTAGE
ON ZENER IMPEDANCE
AMBIENT TEMPERATURE( C)
o
V FORWARD VOLTAGE (VOLTS)
F
,
I,
Z
ZENER CURRENT (mA)
I,
Z
ZENER CURRENT (mA)
V,
Z
NOMINAL ZENER VOLTAGE (VOLTS)
0
20
40
60
80
100
120
140
160
180
200
T = 25 C
I (rms)= 0.1 I (dc)
f = 1KHz
J
ZZ
o
47V
27V
0.8V
0.1
0.25
0.50
0.75
1.0
1.25
0.2
0.5
1.0
2.0
5.0
10
20
50
100
1.0
2.0
5.0
10
20
50
100
200
500
1000
1.0
T = 25 C
I (rms)= 0.1 I (dc)
f = 1KHz
J
ZZ
o
I = 1.0mA
Z
5.0mA
20mA
2.0
3.0
5.0 7.0 10
20
30
50 70 100
1.0
2.0
5.0
7.0
10
20
50
70
100
200
500
700
1000
TYPICAL LEAKAGE CURRENT
AT 80% OF NOMINAL
BREAKDOWN VOLTAGE
+125 C
o
+25 C
o
3.0
4.0
5.0 6.0
7.0
8.0
9.0
10
11
12
13
14
15
0.001
0.002
0.005
0.007
0.01
0.02
0.05
0.07
0.1
0.2
0.5
0.7
1.0
2.0
5.0
7.0
10
20
50
70
100
200
500
700
1000
2000
5000
7000
10000
MINIMUM
MAXIMUM
70 C
o
150 C
o
25 C
o
0C
o
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.0
2.0
5.0
10
20
50
100
200
500
1000
RATINGS AND CHARACTERISTIC CURVES (
)
1N4741A THRU 1M200Z
Version: B07


Podobny numer części - 1N4762A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transys Electronics
1N4762A TRSYS-1N4762A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Microsemi Corporation
1N4762A MICROSEMI-1N4762A Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Vishay Siliconix
1N4762A VISHAY-1N4762A Datasheet
77Kb / 4P
   Zener Diodes
Rev. 2.2, 08-Dec-11
logo
Won-Top Electronics
1N4762A WTE-1N4762A Datasheet
44Kb / 4P
   1.0W ZENER DIODE
logo
Vishay Siliconix
1N4762A VISHAY-1N4762A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
More results

Podobny opis - 1N4762A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
1N4741A TSC-1N4741A Datasheet
86Kb / 5P
   Glass Passivated Junction Silicon Zener Diode
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A_04 Datasheet
360Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4729A PANJIT-1N4729A Datasheet
803Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N4736A PANJIT-1N4736A Datasheet
379Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
1N4741A TRSYS-1N4741A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
1N5926B TRSYS-1N5926B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A PANJIT-1N4728A Datasheet
395Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
WILLAS ELECTRONIC CORP
1N4728A WILLAS-1N4728A Datasheet
627Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Transys Electronics
2EZ11 TRSYS-2EZ11 Datasheet
339Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com