Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM31RQD Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części SM31RQD
Szczegółowy opis  Self-contained DC-operated Opposed Mode Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SM31RQD Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

  SM31RQD Datasheet HTML 1Page - List of Unclassifed Manufacturers SM31RQD Datasheet HTML 2Page - List of Unclassifed Manufacturers SM31RQD Datasheet HTML 3Page - List of Unclassifed Manufacturers SM31RQD Datasheet HTML 4Page - List of Unclassifed Manufacturers SM31RQD Datasheet HTML 5Page - List of Unclassifed Manufacturers SM31RQD Datasheet HTML 6Page - List of Unclassifed Manufacturers SM31RQD Datasheet HTML 7Page - List of Unclassifed Manufacturers SM31RQD Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MINI-BEAM
® Sensors SM31E/SM31R and SM31EL/SM31RL
Euro-Style Quick-Disconnect Cables
Cable: PVC jacket, polyurethane connector body, nickel-plated brass coupling nut
Conductors: 22 or 20 AWG high-flex stranded, PVC insulation, gold-plated contacts
Temperature: -40° to +90°C (-40° to +194°F)
Voltage Rating: 250V ac/300V dc
4-Pin
Straight
MQDC-406
MQDC-415
MQDC-430
2 m (6.5')
5 m (15')
9 m (30')
Style
4-Pin
Right-angle
MQDC-406RA
MQDC-415RA
MQDC-430RA
2 m (6.5')
5 m (15')
9 m (30')
White Wire
Blue Wire
Black Wire
Brown Wire
Model
Length
Dimensions:
Pin-out
M12 x 1
ø15 mm
(0.6 in)
44 mm max.
(1.7 in)
38 mm max.
(1.5 in)
M12 x 1
ø15 mm
(0.6 in)
38 mm max.
(1.5 in)
MINI-BEAM dc receivers
The following cables are available for extending the length of existing sensor cable. These are 30 m (100') lengths of MINI-BEAM cable. This
cable may be spliced to existing cable. Connectors, if used, must be customer-supplied.
Model
Type
Used with:
EC312-100
4-conductor
Extension Cables (without connectors)
MINI-BEAM emitters
EC312A-100
2-conductor
Banner Engineering Corp., 9714 Tenth Ave. No., Minneapolis, MN 55441 • Phone: 763.544.3164 • www.bannerengineering.com • Email: sensors@bannerengineering.com
WARRANTY: Banner Engineering Corp. warrants its products to be free from defects for one year. Banner Engineering Corp. will repair or
replace, free of charge, any product of its manufacture found to be defective at the time it is returned to the factory during the warranty
period. This warranty does not cover damage or liability for the improper application of Banner products. This warranty is in lieu of any
other warranty either expressed or implied.
WARNING . . . Not To Be Used for Personnel Protection
Never use this product as a sensing device for personnel protection. Doing so could lead to serious injury or death.
This product does NOT include the self-checking redundant circuitry necessary to allow its use in personnel safety applications. A
sensor failure or malfunction can cause either an energized or de-energized sensor output condition. Consult your current Banner Safety Products
catalog for safety products which meet OSHA, ANSI and IEC standards for personnel protection.
!


Podobny numer części - SM31RQD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM31R ETC2-SM31R Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM31R ETC2-SM31R Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
SM31R ETC2-SM31R Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
SM31R ETC2-SM31R Datasheet
607Kb / 6P
   MINI-BEAM dc-Voltage Series
logo
Banner Engineering Corp...
SM31R BANNER-SM31R Datasheet
1Mb / 4P
   Laser Diode Emitter
More results

Podobny opis - SM31RQD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM312DQD ETC2-SM312DQD Datasheet
315Kb / 8P
   Self-contained DC-operated Diffuse Mode Sensors
MQDC-315 ETC2-MQDC-315 Datasheet
257Kb / 8P
   Self-contained AC-operated Convergent Mode Sensors
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
logo
List of Unclassifed Man...
QS18VP6DQ5 ETC2-QS18VP6DQ5 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com