Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST72321R7T5 Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części ST72321R7T5
Szczegółowy opis  64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
Download  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321R7T5 Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button ST72321R7T5 Datasheet HTML 7Page - STMicroelectronics ST72321R7T5 Datasheet HTML 8Page - STMicroelectronics ST72321R7T5 Datasheet HTML 9Page - STMicroelectronics ST72321R7T5 Datasheet HTML 10Page - STMicroelectronics ST72321R7T5 Datasheet HTML 11Page - STMicroelectronics ST72321R7T5 Datasheet HTML 12Page - STMicroelectronics ST72321R7T5 Datasheet HTML 13Page - STMicroelectronics ST72321R7T5 Datasheet HTML 14Page - STMicroelectronics ST72321R7T5 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 189 page
background image
ST72321
11/189
24
-
VSS_3
S
Digital Ground Voltage
25
15
PF0/MCO/AIN8
I/O CT
X
ei1
X
X
X
Port F0
Main clock out
(fOSC/2)
ADC Analog
Input 8
26
16
PF1 (HS)/BEEP
I/O CT HS
X
ei1
X
X
Port F1
Beep signal output
27
17
PF2 (HS)
I/O CT HS
X
ei1
X
X
Port F2
28
-
PF3/OCMP2_A/AIN9
I/O CT
X
XX
X
X
Port F3
Timer A Out-
put Compare 2
ADC Analog
Input 9
29
18
PF4/OCMP1_A/AIN10
I/O CT
X
XX
X
X
Port F4
Timer A Out-
put Compare 1
ADC Analog
Input 10
30
-
PF5/ICAP2_A/AIN11
I/O CT
X
XX
X
X
Port F5
Timer A Input
Capture 2
ADC Analog
Input 11
31
19
PF6 (HS)/ICAP1_A
I/O CT HS
X
X
X
X
Port F6
Timer A Input Capture 1
32
20
PF7 (HS)/EXTCLK_A
I/O CT HS
X
XX
X
Port F7
Timer A External Clock
Source
33
21
VDD_0
S
Digital Main Supply Voltage
34
22
VSS_0
S
Digital Ground Voltage
35
23
PC0/OCMP2_B/AIN12
I/O CT
X
XX
X
X
Port C0
Timer B Out-
put Compare 2
ADC Analog
Input 12
36
24
PC1/OCMP1_B/AIN13
I/O CT
X
XX
X
X
Port C1
Timer B Out-
put Compare 1
ADC Analog
Input 13
37
25
PC2 (HS)/ICAP2_B
I/O CT HS
X
X
X
X
Port C2
Timer B Input Capture 2
38
26
PC3 (HS)/ICAP1_B
I/O CT HS
X
X
X
X
Port C3
Timer B Input Capture 1
39
27
PC4/MISO/ICCDATA
I/O CT
X
XX
X
Port C4
SPI Master In /
Slave Out
Data
ICC Data In-
put
40
28
PC5/MOSI/AIN14
I/O CT
X
XX
X
X
Port C5
SPI Master
Out / Slave In
Data
ADC Analog
Input 14
41
29
PC6/SCK/ICCCLK
I/O CT
X
XX
X
Port C6
SPI Serial
Clock
ICC Clock
Output
Caution: Negative cur-
rent injection not allowed
on this pin
42
30
PC7/SS/AIN15
I/O CT
X
XX
X
X
Port C7
SPI Slave Se-
lect (active
low)
ADC Analog
Input 15
43
-
PA0
I/O CT
X
ei0
X
X
Port A0
44
-
PA1
I/O CT
X
ei0
X
X
Port A1
45
-
PA2
I/O CT
X
ei0
X
X
Port A2
46
31
PA3 (HS)
I/O CT HS
X
ei0
X
X
Port A3
47
32
VDD_1
S
Digital Main Supply Voltage
48
33
VSS_1
S
Digital Ground Voltage
49
34
PA4 (HS)
I/O CT HS
X
XX
X
Port A4
50
35
PA5 (HS)
I/O CT HS
X
XX
X
Port A5
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output


Podobny numer części - ST72321R7T5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST72321R7 STMICROELECTRONICS-ST72321R7 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST72321R7-Auto STMICROELECTRONICS-ST72321R7-Auto Datasheet
2Mb / 243P
   PLL for 2x frequency multiplication
August 2010 Rev 1
More results

Podobny opis - ST72321R7T5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST72F321 STMICROELECTRONICS-ST72F321 Datasheet
3Mb / 189P
   64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
ST72321B STMICROELECTRONICS-ST72321B Datasheet
3Mb / 187P
   64/44-pin 8-bit MCU with 32 to 60K Flash/ROM, ADC, five timers, SPI, SCI, I2C interface
ST72F521R6TA STMICROELECTRONICS-ST72F521R6TA Datasheet
3Mb / 215P
   80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72F521 STMICROELECTRONICS-ST72F521 Datasheet
4Mb / 215P
   80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72325 STMICROELECTRONICS-ST72325 Datasheet
1Mb / 193P
   8-BIT MCU WITH 16 TO 60K FLASH/ROM, ADC, CSS, FIVE TIMERS, SPI, SCI, I2C INTERFACE
ST72325 STMICROELECTRONICS-ST72325_07 Datasheet
3Mb / 196P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST72325XX STMICROELECTRONICS-ST72325XX Datasheet
3Mb / 197P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST72321M6 STMICROELECTRONICS-ST72321M6 Datasheet
2Mb / 175P
   80-pin 8-bit MCU with 32 to 60 Kbytes Flash, ADC, five timers, SPI, SCI, I2C interface
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com