Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP29F Arkusz danych(PDF) 4 Page - Power Innovations Ltd

Numer części TIP29F
Szczegółowy opis  NPN SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POINN [Power Innovations Ltd]
Strona internetowa  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP29F Arkusz danych(HTML) 4 Page - Power Innovations Ltd

  TIP29F Datasheet HTML 1Page - Power Innovations Ltd TIP29F Datasheet HTML 2Page - Power Innovations Ltd TIP29F Datasheet HTML 3Page - Power Innovations Ltd TIP29F Datasheet HTML 4Page - Power Innovations Ltd TIP29F Datasheet HTML 5Page - Power Innovations Ltd TIP29F Datasheet HTML 6Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TIP29D, TIP29E, TIP29F
NPN SILICON POWER TRANSISTORS
4
JULY 1968 - REVISED MARCH 1997
PRODUCT
INFORMATION
MAXIMUM SAFE OPERATING REGIONS
Figure 4.
THERMAL INFORMATION
Figure 5.
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
1·0
10
100
1000
0·01
0·1
1·0
10
100
SAS631AD
TIP29D
TIP29E
TIP29F
t
p = 300 µs, d = 0.1 = 10%
t
p =
1 ms, d = 0.1 = 10%
t
p = 10 ms, d = 0.1 = 10%
DC Operation
MAXIMUM POWER DISSIPATION
vs
CASE TEMPERATURE
T
C - Case Temperature - °C
0
25
50
75
100
125
150
0
10
20
30
40
TIS631AB


Podobny numer części - TIP29F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP29 MOSPEC-TIP29 Datasheet
145Kb / 3P
   POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Micro Commercial Compon...
TIP29 MCC-TIP29 Datasheet
252Kb / 3P
   1.0 Amp Complementary Silicon Power Transistors
logo
Power Innovations Ltd
TIP29 POINN-TIP29 Datasheet
85Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
logo
Transys Electronics
TIP29 TRSYS-TIP29 Datasheet
443Kb / 5P
   NPN SILICON POWER TRANSISTORS
More results

Podobny opis - TIP29F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com