Zakładka z wyszukiwarką danych komponentów |
|
TIP29F Arkusz danych(PDF) 5 Page - Power Innovations Ltd |
|
TIP29F Arkusz danych(HTML) 5 Page - Power Innovations Ltd |
5 / 6 page 5 JULY 1968 - REVISED MARCH 1997 TIP29D, TIP29E, TIP29F NPN SILICON POWER TRANSISTORS PRODUCT INFORMATION TO-220 3-pin plastic flange-mount package This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly. MECHANICAL DATA TO220 ALL LINEAR DIMENSIONS IN MILLIMETERS ø 1,23 1,32 4,20 4,70 1 2 3 0,97 0,61 see Note C see Note B 10,0 10,4 2,54 2,95 6,0 6,6 14,55 15,90 12,7 14,1 3,5 6,1 1,07 1,70 2,34 2,74 4,88 5,28 3,71 3,96 0,41 0,64 2,40 2,90 VERSION 2 VERSION 1 NOTES: A. The centre pin is in electrical contact with the mounting tab. B. Mounting tab corner profile according to package version. C. Typical fixing hole centre stand off height according to package version. Version 1, 18.0 mm. Version 2, 17.6 mm. MDXXBE |
Podobny numer części - TIP29F |
|
Podobny opis - TIP29F |