Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STPS8H100G Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STPS8H100G
Szczegółowy opis  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8H100G Arkusz danych(HTML) 3 Page - STMicroelectronics

  STPS8H100G Datasheet HTML 1Page - STMicroelectronics STPS8H100G Datasheet HTML 2Page - STMicroelectronics STPS8H100G Datasheet HTML 3Page - STMicroelectronics STPS8H100G Datasheet HTML 4Page - STMicroelectronics STPS8H100G Datasheet HTML 5Page - STMicroelectronics STPS8H100G Datasheet HTML 6Page - STMicroelectronics STPS8H100G Datasheet HTML 7Page - STMicroelectronics STPS8H100G Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STPS8H100D/F/G/R/FP
3/8
0
20
40
60
80
100
120
140
160
180
0
2
4
6
8
10
Rth(j-a)=50°C/W
Rth(j-a)=Rth(j-c)
Tamb(°C)
IF(av)(A)
T
δ=tp/T
tp
Fig. 2-2: Average forward current versus ambient
temperature
(
δ=0.5)
(ISOWATT220AC,
TO-220FPAC).
1E-3
1E-2
1E-1
1E+0
0
10
20
30
40
50
60
70
80
90
100
Tc=75°C
Tc=100°C
Tc=125°C
t(s)
IM(A)
IM
t
δ=0.5
Fig. 3-2: Non repetitive surge peak forward current
versus overload duration (maximum values)
(ISOWATT220AC, TO-220FPAC).
1E-3
1E-2
1E-1
1E+0
1E+1
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
T
δ=tp/T
tp
Fig. 4-2: Relative variation of thermal impedance
junction to case versus pulse duration
(ISOWATT220AC, TO-220FPAC).
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
140
160
t(s)
IM(A)
Tc=75°C
Tc=100°C
Tc=125°C
IM
t
δ=0.5
Fig. 3-1: Non repetitive surge peak forward current
versus overload duration (maximum values)
(TO-220AC / I
2PAK/D2PAK).
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
T
δ=tp/T
tp
Fig. 4-1: Relative variation of thermal impedance
junction to case versus pulse duration
(TO-220AC / I
2PAK/D2PAK).
0
102030405060708090
100
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
5E+3
VR(V)
IR(µA)
Tj=125°C
Tj=25°C
Fig. 5: Reverse leakage current versus reverse
voltage applied (typical values).


Podobny numer części - STPS8H100G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STPS8H100G STMICROELECTRONICS-STPS8H100G Datasheet
90Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS8H100G STMICROELECTRONICS-STPS8H100G Datasheet
131Kb / 9P
   High voltage power Schottky rectifier
STPS8H100G-1 STMICROELECTRONICS-STPS8H100G-1 Datasheet
90Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS8H100G-TR STMICROELECTRONICS-STPS8H100G-TR Datasheet
90Kb / 7P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STPS8H100G-TR STMICROELECTRONICS-STPS8H100G-TR Datasheet
131Kb / 9P
   High voltage power Schottky rectifier
More results

Podobny opis - STPS8H100G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STPS20H100CR STMICROELECTRONICS-STPS20H100CR Datasheet
138Kb / 8P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
List of Unclassifed Man...
GMR10H100C ETC1-GMR10H100C Datasheet
120Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20H100C BCDSEMI-MBR20H100C_10 Datasheet
1Mb / 11P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR10150C BCDSEMI-MBR10150C Datasheet
437Kb / 9P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
   HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com