Zakładka z wyszukiwarką danych komponentów |
|
ULN2003AN Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
ULN2003AN Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 22 page The ULN2001A is obsolete and is no longer supplied. ULN2001A, ULN2002A, ULN2003A, ULN2004A, ULQ2003A, ULQ2004A HIGHVOLTAGE HIGHCURRENT DARLINGTON TRANSISTOR ARRAY SLRS027G − DECEMBER 1976 − REVISED JUNE 2004 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) The ULN2001A is a general-purpose array and can be used with TTL and CMOS technologies. The ULN2002A is designed specifically for use with 14-V to 25-V PMOS devices. Each input of this device has a Zener diode and resistor in series to control the input current to a safe limit. The ULN2003A and ULQ2003A have a 2.7-k Ω series base resistor for each Darlington pair for operation directly with TTL or 5-V CMOS devices. The ULN2004A and ULQ2004A have a 10.5-k Ω series base resistor to allow operation directly from CMOS devices that use supply voltages of 6 V to 15 V. The required input current of the ULN/ULQ2004A is below that of the ULN/ULQ2003A, and the required voltage is less than that required by the ULN2002A. logic diagram 7C 6C 5C 4C 3C 2C 1C COM 7 6 5 4 3 2 1 7B 6B 5B 4B 3B 2B 1B 10 11 12 13 14 15 16 9 |
Podobny numer części - ULN2003AN |
|
Podobny opis - ULN2003AN |