Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS6P01G Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części TS6P01G
Szczegółowy opis  Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS6P01G Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS6P01G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS6P01G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
1.193(30.3)
1.169(29.7)
C .118(3.0)
0
X45
.402(10.2)
.386(9.8)
.106(2.7)
.091(2.3)
.094(2.4)
.079(2.0)
.043(1.1)
.035(0.9)
.709(18.0)
.669(17.0)
.165(4.2)
.150(3.8)
.303
(7.7)
.303
(7.7)
.287
(7.3)
.287
(7.3)
.031(0.7)
.024(0.6)
.114(2.9)
.098(2.5)
.134(3.4)
.122(3.1)
.150(3.8)
.134(3.4)
.189(4.8)
.173(4.4)
.441(11.2)
.425(10.8)
.189(4.8)
.799(20.3)
.776(19.7)
TS6P01G - TS6P07G
Single Phase 6.0 Amps.
Glass Passivated Bridge Rectifiers
TS-6P
Features
UL Recognized File # E-96005
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction
Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
Surge overload rating to 150 amperes peak
High case dielectric strength of 2000VRMS
Isolated voltage from case to lead over
2500 volts
Mechanical Data
Case: Molded plastic
Terminals: Leads solderable per MIL-
STD-750, Method 2026
Weight: 0.3 ounce, 8 grams
Mounting torque: 8.17 in. lbs. max.
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol TS6P
01G
TS6P
02G
TS6P
03G
TS6P
04G
TS6P
05G
TS6P
06G
TS6P
07G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
See Fig. 2
I(AV)
6.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
150
A
Maximum Instantaneous Forward Voltage
@ 3.0A
@ 6.0A
VF
1.0
1.1
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
500
uA
uA
Typical Thermal Resistance (Note)
RθJC
1.8
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to + 150
oC
Note: Thermal Resistance from Junction to Case with Device Mounted on 75mm x 75mm x 1.6mm
Cu Plate Heatsink.


Podobny numer części - TS6P01G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS6P01G TSC-TS6P01G Datasheet
50Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
TS6P01G TSC-TS6P01G Datasheet
140Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
TS6P01G TSC-TS6P01G Datasheet
240Kb / 4P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS6P01G TMT-TS6P01G Datasheet
206Kb / 4P
   6A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS6P01G-K TSC-TS6P01G-K Datasheet
313Kb / 6P
   6A, 50V - 1000V Glass Passivated Bridge Rectifier
More results

Podobny opis - TS6P01G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS6B01G TSC-TS6B01G_10 Datasheet
532Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601_10 Datasheet
534Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
TS6K40 TSC-TS6K40 Datasheet
212Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
TS6B01G TSC-TS6B01G_1 Datasheet
276Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
GBJ6005 KINGTRONICS-GBJ6005_15 Datasheet
361Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBU601G TSC-KBU601G_10 Datasheet
520Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
KBU601G TSC-KBU601G Datasheet
98Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601 Datasheet
59Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601_1 Datasheet
180Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
KBU6005 KINGTRONICS-KBU6005_15 Datasheet
413Kb / 2P
   6.0 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS6B05G TSC-TS6B05G Datasheet
39Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com