Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS393 Arkusz danych(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Numer części TS393
Szczegółowy opis  Dual Voltage Comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS393 Arkusz danych(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS393 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TS393
4-6
2003/12 rev. A
Applications Information
This dual comparator feature high gain, wide bandwidth characteristics. This gives the device oscillation tendencies if
the outputs are capacitive coupled to the inputs via stray capacitance. This oscillation manifests itself during output
transitions (VOL to VOH). To alleviate this situation input resistors<10KΩ should be used. The addition of positive
feedback (<10 mV) is also recommended.
It is good design practice to ground all unused pins. Differential input voltages may be larger than supply voltage
without damaging the comparator's inputs. Voltages more negative than -0.3V should not be used.


Podobny numer części - TS393

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TS393 STMICROELECTRONICS-TS393 Datasheet
179Kb / 7P
   MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
TS393 STMICROELECTRONICS-TS393 Datasheet
155Kb / 12P
   Micropower dual CMOS voltage comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
TS393 TSC-TS393 Datasheet
396Kb / 8P
   Low Power Low Offset Voltage Dual Comparators
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
More results

Podobny opis - TS393

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
LM219 PHILIPS-LM219 Datasheet
111Kb / 5P
   Dual voltage comparator
August 31, 1994
logo
AUK corp
S393P AUK-S393P_1 Datasheet
258Kb / 4P
   Dual Voltage Comparator
logo
Toshiba Semiconductor
TA7522S TOSHIBA-TA7522S Datasheet
201Kb / 6P
   DUAL VOLTAGE COMPARATOR
logo
Daewoo Semiconductor
DBL393 DAEWOO-DBL393 Datasheet
267Kb / 6P
   DUAL VOLTAGE COMPARATOR
logo
AUK corp
S393 AUK-S393 Datasheet
255Kb / 4P
   Dual Voltage Comparator
logo
Toshiba Semiconductor
TA7522F TOSHIBA-TA7522F Datasheet
143Kb / 4P
   DUAL VOLTAGE COMPARATOR
TA75W393FU TOSHIBA-TA75W393FU Datasheet
188Kb / 5P
   DUAL VOLTAGE COMPARATOR
logo
AUK corp
S393P AUK-S393P Datasheet
262Kb / 3P
   Dual Voltage Comparator
S393 AUK-S393_1 Datasheet
255Kb / 4P
   Dual Voltage Comparator
logo
Austin Semiconductor
AS2111 AUSTIN-AS2111 Datasheet
527Kb / 7P
   Dual Voltage Comparator
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com