Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3404 Arkusz danych(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Numer części TS3404
Szczegółowy opis  Single Synchronous Buck PWM Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3404 Arkusz danych(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS3404_1 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3404_1 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3404_1 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3404_1 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3404_1 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3404_1 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3404_1 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3404_1 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3404_1 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Typical Application (continued)
Boot
Vgate
Phase
Lgate
TS3405
COMP
R5
33
R2
43K_1%
R4
1.5K_1%
R1
3.3K_1%
Q1
Q2
L1
1.6uH/30A
D1
1N4148
C9
C6
104
C5B
C13
C2
222
C1
821
C4
105
C3
223
1
2
JP1
Jumper
R3
56_1%
Roset
20K_5%
C5A
C14
C8
C10
C13
10uF/16V(MLCC
TP1
BNC
Maximum load current
Component
Reference design
5A
10A
15A
MOSFET
Q1、Q2
Rds(on)<30mΩ
Rds(on)<20mΩ
Rds(on)<10mΩ
Inductor
L1
5uF
3uF
1.6uF
No. of input capacitor
C13、C14
1
1
2
No. of output capacitor
C8、C9、C10
1
2
3
No. of decoupling
capacitor
C5A、C5B
1
1
2
Reference design capacitor : 1500uF(ESR=33)
Reference design decoupling capacitor : 10uF(MLCC)
Vcc
Vout
H1
Vin_Gun
H3
U1
H2
Vout_Gun
H4
TS3405
5-10
2003/12 rev. A


Podobny numer części - TS3404_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS3404CD TSC-TS3404CD Datasheet
131Kb / 5P
   PWM Buck Controller
TS3404CS TSC-TS3404CS Datasheet
131Kb / 5P
   PWM Buck Controller
More results

Podobny opis - TS3404_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
   Single Synchronous Buck PWM Controller
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com