Zakładka z wyszukiwarką danych komponentów |
|
TL3474ACPWRG4 Arkusz danych(PDF) 4 Page - Texas Instruments |
|
TL3474ACPWRG4 Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 17 page TL3474, TL3474A HIGHSLEW RATE, SINGLESUPPLY OPERATIONAL AMPLIFIERS SLVS461B − JANUARY 2003 − REVISED JULY 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA TL3474 TL3474A UNIT PARAMETER TEST CONDITIONS TA MIN TYP† MAX MIN TYP† MAX UNIT Input offset VCC = 5 V 25 °C 1.5 10 1.5 3 VIO Input offset voltage VCC = ±15 V 25 °C 1.0 10 1.0 3 mV VIO voltage VCC = ±15 V Full range‡ 12 5 mV αVIO Temperature coefficient of input offset voltage VIC = 0, VO = 0, RS = 50 Ω VCC = ±15 V Full range‡ 10 10 µV/°C IIO Input offset O RS = 50 Ω VCC = ±15 V 25 °C 6 75 6 75 nA IIO Input offset current VCC = ±15 V Full range‡ 300 300 nA IIB Input bias current VCC = ±15 V 25 °C 100 500 100 500 nA IIB Input bias current VCC = ±15 V Full range‡ 700 700 nA VICR Common-mode input voltage RS = 50 Ω 25 °C −15 to 12.8 −15 to 12.8 V VICR input voltage range RS = 50 Ω Full range‡ −15 to 12.8 −15 to 12.8 V VOH High-level VCC+ = 5 V, VCC− = 0, RL = 2 kΩ 25 °C 3.7 4 3.7 4 V VOH High-level output voltage RL = 10 kΩ 25 °C 13.6 14 13.6 14 V output voltage RL = 2 kΩ Full range‡ 13.4 13.4 VOL Low-level VCC+ = 5 V, VCC− = 0, RL = 2 kΩ 25 °C 0.1 0.3 0.1 0.3 V VOL Low-level output voltage RL = 10 kΩ 25 °C −14.7 −14.3 −14.7 −14.3 V output voltage RL = 2 kΩ Full range‡ −13.5 −13.5 AVD Large-signal differential VO = ±10 V, RL = 2 kΩ 25 °C 25 100 25 100 V/mV AVD differential voltage amplification VO = ±10 V, RL = 2 kΩ Full range‡ 20 20 V/mV IOS Short-circuit Source: VID = 1 V, VO = 0 25 °C −10 −34 −10 −34 mA IOS Short-circuit output current Sink: VID = −1 V, VO = 0 25 °C 20 27 20 27 mA CMRR Common-mode VIC = VICR(min), RS = 50 Ω 25 °C 65 97 80 97 dB CMRR Common-mode rejection ratio VIC = VICR(min), RS = 50 Ω 25 °C 65 97 80 97 dB kSVR Supply-voltage rejection ratio ( ∆VCC±/∆VIO) VCC± = ±13.5 V to ±16.5 V, RS = 100 Ω 25 °C 70 97 70 97 dB VO = 0, No load 25 °C 3.5 4.5 3.5 4.5 ICC Supply current (per channel) VO = 0, No load Full range‡ 4.5 5.5 4.5 5.5 mA ICC Supply current (per channel) VCC+ = 5 V, VO = 2.5 V, VCC− = 0, No load 25 °C 3.5 4.5 3.5 4.5 mA † All typical values are at TA = 25°C. ‡ Full range is 0°C to 70°C for the TL3474C, TL3474AC devices and −40°C to 105°C for the TL3474I, TL3474AI devices. |
Podobny numer części - TL3474ACPWRG4 |
|
Podobny opis - TL3474ACPWRG4 |