Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FC250R1 Arkusz danych(PDF) 8 Page - Tyco Electronics

Numer części FC250R1
Szczegółowy opis  Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

FC250R1 Arkusz danych(HTML) 8 Page - Tyco Electronics

Back Button FC250R1 Datasheet HTML 4Page - Tyco Electronics FC250R1 Datasheet HTML 5Page - Tyco Electronics FC250R1 Datasheet HTML 6Page - Tyco Electronics FC250R1 Datasheet HTML 7Page - Tyco Electronics FC250R1 Datasheet HTML 8Page - Tyco Electronics FC250R1 Datasheet HTML 9Page - Tyco Electronics FC250R1 Datasheet HTML 10Page - Tyco Electronics FC250R1 Datasheet HTML 11Page - Tyco Electronics FC250R1 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
8
Tyco Electronics Corp.
Data Sheet
May 1999
dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
FC250R Power Module:
Feature Descriptions (continued)
Remote On/Off
To turn the power module on and off, the user must
supply a switch to control the voltage between the on/off
terminal and the VI(–) terminal (Von/off). The switch can be
an open collector or equivalent (see Figure 11). A logic
low is Von/off = 0 V to 1.2 V, during which the module is on.
The maximum Ion/off during a logic low is 1 mA. The switch
should maintain a logic-low voltage while sinking 1 mA.
During a logic high, the maximum Von/off generated by
the power module is 15 V. The maximum allowable
leakage current of the switch at Von/off = 15 V is 50 µA.
If not using the remote on/off feature, short the
ON/OFF pin to VI(–).
8-580 (C).d
Figure 11. Remote On/Off Implementation
Remote Sense
Remote sense minimizes the effects of distribution
losses by regulating the voltage at the remote-sense
connections. The voltage between the remote-sense
pins and the output terminals must not exceed the out-
put voltage sense range given in the Feature Specifica-
tions table, i.e.:
[VO(+) – VO(–)] – [SENSE(+) – SENSE(–)]
≤ 0.5 V
The voltage between the VO(+) and VO(–) terminals
must not exceed the minimum value indicated in the
output overvoltage shutdown section of the Feature
Specifications table. This limit includes any increase in
voltage due to remote-sense compensation and output
voltage set-point adjustment (trim), see Figure 12.
If not using the remote-sense feature to regulate the out-
put at the point of load, connect SENSE(+) to VO(+) and
SENSE(–) to VO(–) at the module.
8-651 (C).e
Figure 12. Effective Circuit Configuration for
Single-Module Remote-Sense Operation
Output Voltage Set-Point Adjustment (Trim)
Output voltage trim allows the user to increase or
decrease the output voltage set point of a module. This
is accomplished by connecting an external resistor
between the TRIM pin and either the SENSE(+) or
SENSE(–) pins. The TRIM resistor should be posi-
tioned close to the module.
If not using the trim feature, leave the TRIM pin open.
With an external resistor between the TRIM and
SENSE(–) pins (Radj-down), the output voltage set point
(VO, adj) decreases (see Figure 13). The following equa-
tion determines the required external-resistor value to
obtain a percentage output voltage change of
∆%.
The test results for this configuration are displayed in
Figure 14. This figure applies to all output voltages.
With an external resistor connected between the TRIM
and SENSE(+) pins (Radj-up), the output voltage set
point (VO, adj) increases (see Figure 15).
Note: The output voltage of this module may be
increased to a maximum of 0.5 V. The 0.5 V is
the combination of both the remote sense and
the output voltage set-point adjustment (trim).
Do not exceed 28.5 V between the VO(+) and
VO(–) terminals.
The following equation determines the required exter-
nal-resistor value to obtain a percentage output voltage
change of
∆%.
Only trim up to 0.5 V maximum; see note above.
+
Ion/off
Von/off
CASE
ON/OFF
VI(+)
VI(–)
SENSE(+)
SENSE(–)
VO(+)
VO(–)
VO(+)
SENSE(+)
SENSE(–)
VO(–)
VI(+)
VI(–)
IO
LOAD
CONTACT AND
DISTRIBUTION LOSSES
SUPPLY
II
CONTACT
RESISTANCE
Radj-down
205
∆%
----------
2.255

 kΩ
=
Radj-up
VO 100
∆%
+
()
1.225
∆%
---------------------------------------
100
2
∆%
+
()
∆%
----------------------------------


=
k


Podobny numer części - FC250R1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FC250B1 ETC2-FC250B1 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Tyco Electronics
FC250F1 MACOM-FC250F1 Datasheet
1Mb / 20P
   Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
More results

Podobny opis - FC250R1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
FC250F1 MACOM-FC250F1 Datasheet
1Mb / 20P
   Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
logo
Lineage Power Corporati...
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Wall Industries,Inc.
LANC2412DW12 WALL-LANC2412DW12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹12 VDC Output at 짹0.5A
LANC2412W12 WALL-LANC2412W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 12 VDC Output at 1.0A
LANC2415DW8 WALL-LANC2415DW8 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹15 VDC Output at 짹0.267A
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
LANC2415W12 WALL-LANC2415W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 15 VDC Output at 0.8A
LANC2405DW12 WALL-LANC2405DW12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹5.0 VDC Output at 짹1.2A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com