Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3USB31RSER Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3USB31RSER
Szczegółowy opis  HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS3USB31RSER Arkusz danych(HTML) 4 Page - Texas Instruments

  TS3USB31RSER Datasheet HTML 1Page - Texas Instruments TS3USB31RSER Datasheet HTML 2Page - Texas Instruments TS3USB31RSER Datasheet HTML 3Page - Texas Instruments TS3USB31RSER Datasheet HTML 4Page - Texas Instruments TS3USB31RSER Datasheet HTML 5Page - Texas Instruments TS3USB31RSER Datasheet HTML 6Page - Texas Instruments TS3USB31RSER Datasheet HTML 7Page - Texas Instruments TS3USB31RSER Datasheet HTML 8Page - Texas Instruments TS3USB31RSER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
Switching Characteristics
TS3USB31
HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH
WITH SINGLE ENABLE
SCDS242C – JULY 2007 – REVISED AUGUST 2007
over operating range, TA = –40°C to 85°C, VCC = 3.3 V ± 10%, GND = 0 V
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
RL = 50 Ω, CL = 5 pF,
tpd
Propagation delay(2)(3)
0.25
ns
See Figure 9
RL = 50 Ω, CL = 5 pF,
tON
Line enable time, OE to D, nD
30
ns
See Figure 5
RL = 50 Ω, CL = 5 pF,
tOFF
Line disable time, OE to D, nD
25
ns
See Figure 5
RL = 50 Ω, CL = 5 pF,
tSK(O)
Output skew between center port to any other port(2)
50
ps
See Figure 10
Skew between opposite transitions of the same output
RL = 50 Ω, CL = 5 pF,
tSK(P)
20
ps
(tPHL – tPLH)
(2)
See Figure 10
RL = 50 Ω, CL = 5 pF,
tJ
Total jitter(2)
tR = tF = 500 ps at 480 Mbps
200
ps
(PRBS = 215 – 1)
(1)
For Max or Min conditions, use the appropriate value specified under Electrical Characteristics for the applicable device type.
(2)
Specified by design
(3)
The bus switch contributes no propagational delay other than the RC delay of the on resistance of the switch and the load capacitance.
The time constant for the switch alone is of the order of 0.25 ns for 10-pF load. Since this time constant is much smaller than the rise/fall
times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch, when used in
a system, is determined by the driving circuit on the driving side of the switch and its interactions with the load on the driven side.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TS3USB31


Podobny numer części - TS3USB31RSER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3USB31E TI-TS3USB31E Datasheet
602Kb / 16P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
TS3USB31E TI-TS3USB31E Datasheet
749Kb / 18P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
TS3USB31ERSER TI-TS3USB31ERSER Datasheet
602Kb / 16P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
TS3USB31ERSER TI-TS3USB31ERSER Datasheet
749Kb / 18P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
TS3USB31E TI-TS3USB31E_10 Datasheet
749Kb / 18P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
More results

Podobny opis - TS3USB31RSER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3USB31E TI-TS3USB31E Datasheet
602Kb / 16P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
TS3USB31E TI-TS3USB31E_10 Datasheet
749Kb / 18P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE AND ESD PROTECTION
TS3USB221 TI1-TS3USB221_17 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
TS3USB221 TI-TS3USB221 Datasheet
399Kb / 14P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB221 TI-TS3USB221_10 Datasheet
1Mb / 20P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
logo
Global Mixed-mode Techn...
G3206 GMT-G3206 Datasheet
91Kb / 1P
   High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer Demultiplexer Switch with Single Enable
logo
Texas Instruments
TS3USB221 TI-TS3USB221_08 Datasheet
1Mb / 20P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_09 Datasheet
892Kb / 19P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30 Datasheet
311Kb / 12P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
TS3USB30 TI-TS3USB30_08 Datasheet
770Kb / 18P
[Old version datasheet]   HIGH-SPEED USB 2.0 (480-Mbps) 1:2 MULTIPLEXER/DEMULTIPLEXER SWITCH WITH SINGLE ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com