Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMC1117-1.5 Arkusz danych(PDF) 7 Page - ADDtek Corp

Numer części AMC1117-1.5
Szczegółowy opis  1A LOW DROPOUT POSITIVE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADDTEK [ADDtek Corp]
Strona internetowa  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC1117-1.5 Arkusz danych(HTML) 7 Page - ADDtek Corp

  AMC1117-1.5 Datasheet HTML 1Page - ADDtek Corp AMC1117-1.5 Datasheet HTML 2Page - ADDtek Corp AMC1117-1.5 Datasheet HTML 3Page - ADDtek Corp AMC1117-1.5 Datasheet HTML 4Page - ADDtek Corp AMC1117-1.5 Datasheet HTML 5Page - ADDtek Corp AMC1117-1.5 Datasheet HTML 6Page - ADDtek Corp AMC1117-1.5 Datasheet HTML 7Page - ADDtek Corp AMC1117-1.5 Datasheet HTML 8Page - ADDtek Corp AMC1117-1.5 Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AMC1117
Copyright
© 2006 ADDtek Corp.
7
DD004_K -- JULY 2006
Application Note:
Maximum Power Calculation:
Thermal consideration:
When power consumption is over about 404 mW (for SOT-223 package, 687mW for TO-252 package, at TA=70
OC),
additional heat sink is required to control the junction temperature below 125
OC.
The junction temperature is: TJ = P D JT + θCS + θSA) + TA
P D: Dissipated power.
θJT: Thermal resistance from the junction to the mounting tab of the package.
θCS: Thermal resistance through the interface between the IC and the surface on which it is mounted. (Typically,
θCS < 1.0°C/W)
θSA: Thermal resistance from the mounting surface to ambient (thermal resistance of the heat sink).
If PC Board copper is going to be used as a heat sink, below table can be used to determine the appropriate size of
copper foil required. For multi-layered PCB, these layers can also be used as a heat sink. They can be connected with
several through hole vias.
PCB
θSA(OC /W)
59
45
38
33
27
24
21
PCB heat sink size (mm2) 500
1000
1500
2000
3000
4000
5000
Recommended figure of PCB area used as a heat sink.
TJ(MAX) – TA(MAX)
PD(MAX)=
θ
JA
TJ(
OC): Maximum recommended junction temperature
TA(
OC): Ambient temperature of the application
θ
JA(
OC/W): Junction-to-junction temperature thermal resistance of the package, and other heat dissipating
materials.
The maximum power dissipation of a single-output regulator :
PD(MAX) = [(VIN(MAX) - VOUT(NOM))] × IOUT(NOM) + VIN(MAX) × IQ
Where:
VOUT(NOM) = the nominal output voltage
IOUT(NOM) = the nominal output current, and
IQ = the quiescent current the regulator consumes at IOUT(MAX)
VIN(MAX) = the maximum input voltage
Then
θ
JA = (150
OC – TA)/ PD
(Top View)
(Bottom View)
through hole vias


Podobny numer części - AMC1117-1.5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
AMC1117SJ ETC-AMC1117SJ Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
AMC1117SK ETC-AMC1117SK Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
More results

Podobny opis - AMC1117-1.5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
   1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
   1A Low Dropout Positive Regulator
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
logo
Silicon Standard Corp.
SS6117AG SSC-SS6117AG Datasheet
230Kb / 7P
   1A Low-Dropout Positive Regulator
logo
Seaward Electronics Inc...
SE1122 SEAWARD-SE1122_14 Datasheet
256Kb / 5P
   1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com