Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STC918U Arkusz danych(PDF) 2 Page - AUK corp

Numer części STC918U
Szczegółowy opis  NPN Silicon Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUK [AUK corp]
Strona internetowa  https:www.auk.co.kr
Logo AUK - AUK corp

STC918U Arkusz danych(HTML) 2 Page - AUK corp

  STC918U Datasheet HTML 1Page - AUK corp STC918U Datasheet HTML 2Page - AUK corp STC918U Datasheet HTML 3Page - AUK corp STC918U Datasheet HTML 4Page - AUK corp STC918U Datasheet HTML 5Page - AUK corp STC918U Datasheet HTML 6Page - AUK corp STC918U Datasheet HTML 7Page - AUK corp STC918U Datasheet HTML 8Page - AUK corp STC918U Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
KST-3050-000
2
│S21
2
(1-│S112)(1-│S222)
*2 :
*2 :
*2 :
*2 : Maximum unilaterial gain (Gu MAX)=
│S21
│S12
(K±√(K2-1)
, if K>1
│S12
│S21
, if K<1
Absolute maximum ratings
Ta=25
°°°°C
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
20
V
Collector-Emitter voltage
VCEO
10
V
Emitter-base voltage
VEBO
1.5
V
Collector current
IC
50
mA
Collector dissipation
PC
150
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
Electrical Characteristics
TC=25
°°°°C
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO*1
IC=100µA, IE=0
20
-
-
V
Collector-Emitter breakdown voltage
BVCEO*1
IC=100uA, IB=0
10
-
-
V
Collector cut-off current
ICBO*1
VCB=10V, IE=0
-
-
0.1
µA
Emitter cut-off current
IEBO*1
VEB=1V, IC=0
-
-
0.1
µA
DC current gain
hFE*1
VCE=6V, IC=5mA
50
-
-
-
Transition frequency
fT
VCE=6V, IE=15mA
-
9
-
GHz
VCB=1V, IE=0, f=1MHz
-
0.4
-
Collector output capacitance
Cob
VCB=5V, IE=0, f=1MHz
-
0.3
-
pF
Performance Characteristics
TC=25
°°°°C
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
VCE=1V, IC=1mA, f=1GHz
-
7
-
Insertion Gain
│S21
2
VCE=6V, IC=15mA, f=1GHz
-
15
-
dB
VCE=1V, IC=1mA, f=1GHz
-
13
-
Maximum Unilateral Gain
GuMAX*2
VCE=6V, IC=15mA, f=1GHz
-
17
-
dB
Maximum Stable Gain
MSG*3
VCE=1V, IC=1mA, f=1GHz
-
12
-
Maximum Available Gain
MAG*4
VCE=6V, IC=15mA, f=1GHz
-
18
-
dB
VCE=1V, IC=1mA, f=1GHz
-
1.6
-
Noise Figure(Minimum)
NFMIN
VCE=6V, IC=5mA, f=1GHz
-
1.4
dB
VCE=1V, IC=1mA, f=1GHz
-
24
-
Noise Resistance
RN
VCE=6V, IC=5mA, f=1GHz
-
19
-
VCE=1V, IC=1mA, f=1GHz
10
Associated Gain at Minimum NF
GNF
VCE=6V, IC=5mA, f=1GHz
15
dB
Output Power at 1.0dB Gain
Compression
P1dB
VCE=6V, IC=15mA, f=1GHz
-
13
-
dBm
Output 3’rd Intercept
OIP3*5
VCE=6V, IC=15mA, f=1GHz
-
28
-
dBm
*1 :
*1 :
*1 :
*1 : Pulse width ≤ 300us, Duty cycle ≤ 2% pulsed.
*3 :
*3 :
*3 :
*3 : Maximum Avaible Gain(MAG)=
*4 :
*4 :
*4 :
*4 : Maximum Avaible Gain(MAG)=
*5 :
*5 :
*5 :
*5 : Zin=50
Ω and matched for optimum IP
3
STC918U


Podobny numer części - STC918U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
STC918E AUK-STC918E Datasheet
279Kb / 11P
   NPN Silicon Transistor
STC918K AUK-STC918K Datasheet
282Kb / 11P
   High current transition frequency
STC918SF AUK-STC918SF Datasheet
279Kb / 11P
   NPN Silicon Transistor
More results

Podobny opis - STC918U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com