Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL431XSF Arkusz danych(PDF) 1 Page - AUK corp

Numer części SL431XSF
Szczegółowy opis  Programmable Voltage Reference
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUK [AUK corp]
Strona internetowa  https:www.auk.co.kr
Logo AUK - AUK corp

SL431XSF Arkusz danych(HTML) 1 Page - AUK corp

  SL431XSF_1 Datasheet HTML 1Page - AUK corp SL431XSF_1 Datasheet HTML 2Page - AUK corp SL431XSF_1 Datasheet HTML 3Page - AUK corp SL431XSF_1 Datasheet HTML 4Page - AUK corp SL431XSF_1 Datasheet HTML 5Page - AUK corp SL431XSF_1 Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSD-I5C006-000
1
SL431xSF
Programmable Voltage Reference
Description
The SL431 series are 3-terminal precision shunt regulators that are programmable over a wide voltage range of
2.495V to 36V with ±0.5%, ±1.0% tolerance. The SL431 series have a low dynamic impedance of 0.15Ω. These
features make the SL431 series an excellent replacement for zener diodes in numerous applications circuits that
require a precision reference voltage.
Features
• Programmable output voltage from 2.495V to 36V
• Voltage reference tolerance : ±0.5%, ±1.0%
• Cathode current capability of 1mA to 100mA
Ordering Information
Type NO.
Marking
Package Code
SL431xSF
43□
SOT-23F
: Grade => A:±1% , B:±0.5%
Outline Dimensions ( Unit : mm )
S
Seem
miiccoon
nd
du
uccttoorr
Symbol
PIN Connections
1. Cathode
2. Reference
3. Anode
Functional block diagram
Cathode
REF =2.495V
+
-
Anode
Reference
V
3
1
2
2.30~2.50
1.50~1.70


Podobny numer części - SL431XSF_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results

Podobny opis - SL431XSF_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com