Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL1019P Arkusz danych(PDF) 9 Page - AUK corp

Numer części SL1019P
Szczegółowy opis  AM TUNER SYSTEM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUK [AUK corp]
Strona internetowa  https:www.auk.co.kr
Logo AUK - AUK corp

SL1019P Arkusz danych(HTML) 9 Page - AUK corp

Back Button SL1019P Datasheet HTML 2Page - AUK corp SL1019P Datasheet HTML 3Page - AUK corp SL1019P Datasheet HTML 4Page - AUK corp SL1019P Datasheet HTML 5Page - AUK corp SL1019P Datasheet HTML 6Page - AUK corp SL1019P Datasheet HTML 7Page - AUK corp SL1019P Datasheet HTML 8Page - AUK corp SL1019P Datasheet HTML 9Page - AUK corp SL1019P Datasheet HTML 10Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
KSI-W020-000
9
Typical Performance Characteristics
SL1019P
Overall Characteristic
Input Voltage V IN (dBu)
0
20
40
80
60
100
120 140
0
3
2
4
1
7
6
5
-20
-60
-40
-80
0
f T =1MHz
fm=400Hz
Vcc=8V
Detection output at 30% mod
Noise
V SM
THD
30% mod
80% mod
Icc - Vcc
4
6
8
12
10
14
16
18
Supply Voltage, Vcc(V)
0
15
10
20
5
35
30
25
fT = 1MHz
130dBu
130dBu
Quiescent130dBu
Quiescent
Quiescent
Total
I10+I14
I7+I8
SEL - Δf
Frequency Deviation Δf (KHz)
-30
-20
-10
10
0
20
30
-70
-40
-50
-30
-60
0
-10
-20
10
f T =1MHz
fm=400Hz 30% mod
Vcc=8V
Difference in
input at -25 dBm
output
W.B.AGC
operation
V SM - Δf
0
3
2
4
1
7
6
5
-8
-6
-4
0
-2
2
4
6
8
Frequency Deviation Δf (KHz)
Vcc=8V
f T =1MHz non mod
Using narrow
band filter
R8 = 82 Ω
R9 = 7.5KΩ
130dBu
74dBu
30dBu
50
60
70
90
80
100 110
140
Cross Modulation Characteristic 1
-10
-30
-20
-40
0
-50
-70
-60
-80
130
120
Interference Input (dBu)
Desired 1.0MHz
400Hz 30% mod
Undesired 1.4MHz
non mod
R1 = 100Ω
R3 = 75Ω
Desired 1.0MHz
non mod
Undesired 1.4MHz
400Hz 80% mod
40dBu
50dBu 60dBu
70dBu
Desired input 80dBu
UnDesired
input 40dBu
50dBu
70dBu
60dBu
80dBu
90dBu
100dBu
110dBu
120dBu
50
60
70
90
80
100
110
140
Cross Modulation Characteristic 2
-10
-30
-20
-40
0
-50
-70
-60
-80
130
120
Interference Input (dBu)
Desired 1.4MHz
400Hz 30% mod
Undesired 1.44MHz
non mod
R1 = 100Ω
R3 = 75Ω
Desired 1.4MHz
non mod Undesired
1.44MHz 400Hz
80% mod
40dBu
50dBu
60dBu
70dBu
Desired input 90dBu
Desired
input 40dBu
50dBu
60dBu
80dBu
90dBu
100dBu
110dBu
120dBu
80dBu


Podobny numer części - SL1019P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
SL1019P AUK-SL1019P Datasheet
344Kb / 10P
   AM TUNER SYSTEM
More results

Podobny opis - SL1019P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Daewoo Semiconductor
DBL1019 DAEWOO-DBL1019 Datasheet
533Kb / 9P
   AM TUNER SYSTEM
logo
AUK corp
SL1019P AUK-SL1019P Datasheet
344Kb / 10P
   AM TUNER SYSTEM
logo
Unisonic Technologies
TA7611AP UTC-TA7611AP Datasheet
156Kb / 5P
   FM IF/AM TUNER SYSTEM
logo
NTE Electronics
NTE1214 NTE-NTE1214 Datasheet
22Kb / 3P
   Integrated Circuit AM Tuner System
logo
List of Unclassifed Man...
TA7611AP ETC-TA7611AP Datasheet
60Kb / 5P
   FM IF/AM TUNER SYSTEM
logo
Toshiba Semiconductor
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
   CAR RADIO AM TUNER ONE CHIP AM SYSTEM
TA7792P TOSHIBA-TA7792P Datasheet
388Kb / 9P
   AM/FM 1CHIP TUNER SYSTEM IC
logo
NTE Electronics
NTE1486 NTE-NTE1486 Datasheet
78Kb / 3P
   Integrated Circuit FM/AM Tuner System
logo
Sanyo Semicon Device
LA1266 SANYO-LA1266 Datasheet
344Kb / 11P
   AM/FM Tuner System Of Electronic Tuning Type
LA1886M SANYO-LA1886M Datasheet
724Kb / 32P
   AM/FM Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com