Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD74HCT393M Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części CD74HCT393M
Szczegółowy opis  High-Speed CMOS Logic Dual 4-Stage Binary Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT393M Arkusz danych(HTML) 5 Page - Texas Instruments

  CD74HCT393M Datasheet HTML 1Page - Texas Instruments CD74HCT393M Datasheet HTML 2Page - Texas Instruments CD74HCT393M Datasheet HTML 3Page - Texas Instruments CD74HCT393M Datasheet HTML 4Page - Texas Instruments CD74HCT393M Datasheet HTML 5Page - Texas Instruments CD74HCT393M Datasheet HTML 6Page - Texas Instruments CD74HCT393M Datasheet HTML 7Page - Texas Instruments CD74HCT393M Datasheet HTML 8Page - Texas Instruments CD74HCT393M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC and
GND
0
5.5
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
-2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
nCP
0.4
nMR
1
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Table, e.g.,
360
µA max at 25oC.
Prerequisite for Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Maximum Clock
Frequency
fMAX
2
6
-
-
5
-
4
-
MHz
4.5
30
-
-
24
-
20
-
MHz
6
35
-
-
28
-
24
-
MHz
Clock Pulse Width
tW
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14-
-17-20
-
ns
CD54HC393, CD74HC393, CD54HCT393, CD74HCT393


Podobny numer części - CD74HCT393M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Harris Corporation
CD74HCT393M HARRIS-CD74HCT393M Datasheet
31Kb / 7P
   High Speed CMOS Logic Dual 4 -Stage Binary Counter
logo
Texas Instruments
CD74HCT393M TI-CD74HCT393M Datasheet
266Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD74HCT393M TI-CD74HCT393M Datasheet
445Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD74HCT393M96 TI-CD74HCT393M96 Datasheet
266Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD74HCT393M96 TI-CD74HCT393M96 Datasheet
445Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
More results

Podobny opis - CD74HCT393M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD54HC393 TI-CD54HC393_08 Datasheet
445Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD74HC393 TI-CD74HC393 Datasheet
38Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual 4 -Stage Binary Counter
CD54HCT393 TI-CD54HCT393 Datasheet
266Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
logo
Harris Corporation
74393 HARRIS-74393 Datasheet
31Kb / 7P
   High Speed CMOS Logic Dual 4 -Stage Binary Counter
logo
Texas Instruments
CD74HCT4040 TI-CD74HCT4040_07 Datasheet
399Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
CD74HC4040 TI-CD74HC4040 Datasheet
50Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 12-Stage Binary Counter
CD54HC4020 TI-CD54HC4020 Datasheet
269Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD54HC4040 TI-CD54HC4040 Datasheet
346Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
CD54HC4020 TI1-CD54HC4020_14 Datasheet
466Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD74HC4020 TI-CD74HC4020 Datasheet
42Kb / 8P
[Old version datasheet]   High Speed CMOS Logic 14-Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com