Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD74HC393MG4 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części CD74HC393MG4
Szczegółowy opis  High-Speed CMOS Logic Dual 4-Stage Binary Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD74HC393MG4 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button CD74HC393MG4 Datasheet HTML 2Page - Texas Instruments CD74HC393MG4 Datasheet HTML 3Page - Texas Instruments CD74HC393MG4 Datasheet HTML 4Page - Texas Instruments CD74HC393MG4 Datasheet HTML 5Page - Texas Instruments CD74HC393MG4 Datasheet HTML 6Page - Texas Instruments CD74HC393MG4 Datasheet HTML 7Page - Texas Instruments CD74HC393MG4 Datasheet HTML 8Page - Texas Instruments CD74HC393MG4 Datasheet HTML 9Page - Texas Instruments CD74HC393MG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Reset Recovery Time
tREC
25
-
-
5
-
5
-
ns
4.5
5
-
-
5
-
5
-
ns
65
-
-
5
-
5
-
ns
Reset Pulse Width
tW
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14-
-17-20
-
ns
HCT TYPES
Maximum Clock
Frequency
fMAX
4.5
27
-
-
22
-
18
-
MHz
Clock Pulse Width
tW
4.5
19
-
-
24
-
29
-
ns
Reset Recovery Time
tREC
4.5
5
-
-
5
-
5
-
ns
Reset Pulse Width
tW
4.5
16
-
-
20
-
24
-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay Time
(Figure 1)
tPLH,
tPHL
CL = 50pF
2
-
-
150
-
190
-
225
ns
nCP to nQ0
4.5
-
-
30
-
38
-
59
ns
CL =15pF
5
-
12
-
-
-
-
-
ns
CL = 50pF
6
-
-
26
-
33
-
50
ns
nCP to nQ1
tPLH,
tPHL
CL = 50pF
2
-
-
190
-
245
-
295
ns
4.5
-
-
38
-
49
-
59
ns
6
-
-
33
-
42
-
50
ns
nCP to nQ2
tPLH,
tPHL
CL = 50pF
2
-
-
240
-
300
-
360
ns
4.5
-
-
48
-
60
-
72
ns
6
-
-
41
-
51
-
61
ns
nCP to nQ3
tPLH,
tPHL
CL = 50pF
2
-
-
285
-
355
-
430
ns
4.5
-
57
-
71
-
86
ns
6
-
-
48
-
60
-
73
ns
MR to Qn
tPLH,
tPHL
CL = 50pF
2
-
-
135
-
170
-
205
ns
4.5
-
-
27
-
34
-
41
ns
CL =15pF
5
-
11
-
-
-
-
-
ns
CL = 50pF
6
-
-
23
-
29
-
35
ns
Output Transition Time
(Figure 1)
tTLH,tTHL CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
CL =15pF
5
-
20
-
-
-
-
-
pF
Prerequisite for Switching Specifications
(Continued)
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC393, CD74HC393, CD54HCT393, CD74HCT393


Podobny numer części - CD74HC393MG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Harris Corporation
CD74HC393M HARRIS-CD74HC393M Datasheet
31Kb / 7P
   High Speed CMOS Logic Dual 4 -Stage Binary Counter
logo
Texas Instruments
CD74HC393M TI-CD74HC393M Datasheet
266Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD74HC393M TI-CD74HC393M Datasheet
445Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD74HC393M96 TI-CD74HC393M96 Datasheet
266Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD74HC393M96 TI-CD74HC393M96 Datasheet
445Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
More results

Podobny opis - CD74HC393MG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD54HC393 TI-CD54HC393_08 Datasheet
445Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
CD74HC393 TI-CD74HC393 Datasheet
38Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual 4 -Stage Binary Counter
CD54HCT393 TI-CD54HCT393 Datasheet
266Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Stage Binary Counter
logo
Harris Corporation
74393 HARRIS-74393 Datasheet
31Kb / 7P
   High Speed CMOS Logic Dual 4 -Stage Binary Counter
logo
Texas Instruments
CD74HCT4040 TI-CD74HCT4040_07 Datasheet
399Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
CD74HC4040 TI-CD74HC4040 Datasheet
50Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 12-Stage Binary Counter
CD54HC4020 TI-CD54HC4020 Datasheet
269Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD54HC4040 TI-CD54HC4040 Datasheet
346Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 12-Stage Binary Counter
CD54HC4020 TI1-CD54HC4020_14 Datasheet
466Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 14-Stage Binary Counter
CD74HC4020 TI-CD74HC4020 Datasheet
42Kb / 8P
[Old version datasheet]   High Speed CMOS Logic 14-Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com