Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-CY11-WZ0DD Arkusz danych(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-CY11-WZ0DD
Szczegółowy opis  Precision Optical Performance 5mm Round Warm White LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CY11-WZ0DD Arkusz danych(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CY11-WZ0DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY11-WZ0DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY11-WZ0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY11-WZ0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY11-WZ0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY11-WZ0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY11-WZ0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY11-WZ0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CY11-WZ0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image

HLMP-CYxx
Precision Optical Performance 5mm Round Warm White LED Lamps
Data Sheet
Package Dimensions
Features
• Welldefinedspatialradiationpattern
• Highluminouswhiteemission
• Viewingangle:15°,23°,30°and50°
• Standoffornon-standoffleads
Description
These high intensity white LED lamps are based on
InGaNmaterialtechnology.AblueLEDdieiscoatedby
phosphortoproducewhite.
The typical resulting color is described by the coordi-
nates x= 0.41, y = 0.39 using the CIE 1931 Chromaticity
Diagram. These T-1¾ lamps are untinted, non-diffused,
and incorporate precise optics which produce well-
defined spatial radiation patterns at specific viewing
coneangle.
1.14 ± 0.20
(0.045 ± 0.008)
5.80 ± 0.20
(0.228 ± 0.008)
5.00 ± 0.20
(0.197 ± 0.008)
31.60
(1.244) MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71 ± 0.20
(0.343 ± 0.008)
2.54 ± 0.38
(0.100 ± 0.015)
0.50 ± 0.10
(0.020 ± 0.004) SQ. TYP.
CATHODE
LEAD
2.35 (0.093)
MAX.
CATHODE
FLAT
DIMENSIONH:
15°: 12.24 ± 0.25mm (0.482 ± 0.01 inches)
23°: 12.50 ± 0.25mm (0.492 ± 0.01 inches)
30°: 12.00 ± 0.25mm (0.472 ± 0.01 inches)
1.14 ± 0.20
(0.045 ± 0.008)
5.80 ± 0.20
(0.228 ± 0.008)
5.00 ± 0.20
(0.197 ± 0.008)
31.60
(1.244) MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71 ± 0.20
(0.343 ± 0.008)
2.54 ± 0.38
(0.100 ± 0.015)
0.50 ± 0.10
(0.020 ± 0.004) SQ. TYP.
CATHODE
LEAD
CATHODE
FLAT
1.50 ± 0.15
(0.059 ± 0.006)
DIMENSION H
Package Dimension A
Package Dimension B
Caution: InGaN devices are Class 1C HBM ESD sensitive per JEDEC Standard. Please observe appropriate
during handling and processing. Refer to Application Note AN-1142 for additional details.


Podobny numer części - HLMP-CY11-WZ0DD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-C008 HP-HLMP-C008 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C008 AVAGO-HLMP-C008 Datasheet
242Kb / 11P
   T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
logo
Agilent(Hewlett-Packard...
HLMP-C008-U0000 HP-HLMP-C008-U0000 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
HLMP-C025 HP-HLMP-C025 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C025 AVAGO-HLMP-C025 Datasheet
242Kb / 11P
   T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
More results

Podobny opis - HLMP-CY11-WZ0DD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OptoSupply Internationa...
OSM5DK5111A-1MA OPTOSUPPLY-OSM5DK5111A-1MA Datasheet
108Kb / 1P
   5mm Round Warm White LED
OS6MFL5A31A OPTOSUPPLY-OS6MFL5A31A Datasheet
107Kb / 1P
   5mm Round Warm White LED
OSM5DA5111A OPTOSUPPLY-OSM5DA5111A Datasheet
99Kb / 1P
   5mm Round Warm White LED
OSM5DL5111A OPTOSUPPLY-OSM5DL5111A Datasheet
99Kb / 1P
   5mm Round Warm White LED
OSM5DK5111A OPTOSUPPLY-OSM5DK5111A Datasheet
105Kb / 1P
   5mm Round Warm White LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
logo
OptoSupply Internationa...
OSM57L5111P OPTOSUPPLY-OSM57L5111P Datasheet
107Kb / 1P
   Deluxe Power 5mm Round Warm White LED
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CWXX AVAGO-HLMP-CWXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com