Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADNS-3550 Arkusz danych(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Numer części ADNS-3550
Szczegółowy opis  Low Power LED Integrated Slim Mouse Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-3550 Arkusz danych(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-3550 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-3550 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-3550 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-3550 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-3550 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-3550 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-3550 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-3550 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-3550 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
PCB Assembly Considerations
1. Surface mount the sensor and all other electrical com-
ponents into PCB.
2. Reflow the entire assembly in a no-wash solder
process.
3. Place the lens onto the base plate. Care must be taken
to avoid contaminating or staining the lens.
4. Remove the protective kapton tape from optical
aperture of the sensor and LED. Care must be tak-
en to keep contaminants from entering the aperture.
Recommend not to place the PCB facing up during the
entire mouse assembly process. Recommend to hold
the PCB first vertically for the kapton removal process.
5. Insert PCB assembly over the lens onto the base plate
aligning post to retain PCB assembly. The lens piece
has alignment posts which will mate with the align-
ment holes on the sensor aperture.
6. The optical position reference for the PCB is set by the
base plate and lens. Note that the PCB motion due to
button presses must be minimized to maintain optical
alignment.
Typical Distance
Millimeters
Creepage
0.6
Clearance
2.76
Note that the lens material is polycarbonate and there-
fore, cyanoacrylate-based adhesives or other adhesives
that may damage the lens should NOT be used.
7. Install mouse top case. There MUST be a feature in the
top case to press down onto the sensor to ensure the
sensor and lens components are interlocked to the
correct vertical height.
Design Considerations for Improved ESD Performance
For improved electrostatic discharge performance, typi-
cal creepage and clearance distance are shown in the
table below. Assumption: base plate construction as per
the Avago Technologies supplied IGES file and ADNS-
3150-001 lens.
Figure 6a. Sectional view of PCB assembly
(bottom mount)
Figure 6b. Sectional view of PCB assembly
(top mount)
LENS
DIE TO NAVIGATION
SURFACE
NAVIGATION
SURFACE
BOTTOM MATING SURFACE
OF LENS TO NAVIGATION SURFACE
BOTTOM OF LENS
TO NAVIGATION SURFACE
BOTTOM OF PCB TO
NAVIGATION SURFACE
BOTTOM OF PCB TO
BOTTOM MATING
SURFACE OF LENS
CUSTOMER'S PCB
3.25
(0.13)
2.28
(0.09)
0.29
(0.01)
0.97
(0.04)
2.50
(0.10)
SENSOR
CUSTOMER'S
BASE PLATE
LENS
DIE TO NAVIGATION
SURFACE
NAVIGATION
SURFACE
BOTTOM MATING SURFACE
OF LENS TO NAVIGATION SURFACE
BOTTOM OF LENS
TO NAVIGATION SURFACE
TOP OF PCB TO
NAVIGATION SURFACE
TOP OF PCB TO
BOTTOM MATING
SURFACE OF LENS
CUSTOMER'S PCB
2.75
(0.11)
1.78
(0.07)
0.29
(0.01)
0.97
(0.04)
2.50
(0.10)
SENSOR
CUSTOMER'S
BASE PLATE


Podobny numer części - ADNS-3550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3550 AVAGO-ADNS-3550 Datasheet
100Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNS-3550 BOARDCOM-ADNS-3550 Datasheet
100Kb / 1P
   Optical Mouse Sensor
More results

Podobny opis - ADNS-3550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-3532 AVAGO-ADNB-3532 Datasheet
2Mb / 27P
   Low Power LED Integrated Slim Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3530 PIXART-ADNS-3530 Datasheet
787Kb / 25P
   Low Power LED Integrated Slim Mouse Sensor
PMW3310DH-AWQT PIXART-PMW3310DH-AWQT Datasheet
692Kb / 10P
   Low Power LED Gaming Mouse Sensor
PMW3310DH PIXART-PMW3310DH Datasheet
268Kb / 5P
   Low Power LED Gaming Mouse Sensor
PMW3260DB-TPOU PIXART-PMW3260DB-TPOU Datasheet
1Mb / 14P
   Ultra Low Power LED Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
PMW3610DM-SUDU PIXART-PMW3610DM-SUDU Datasheet
589Kb / 8P
   Low Power Laser Mouse Sensor
logo
Broadcom Corporation.
ADNK-7050 BOARDCOM-ADNK-7050 Datasheet
107Kb / 1P
   Low Power Laser Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com