Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP422 Arkusz danych(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części TMP422
Szczegółowy opis  짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP422 Arkusz danych(HTML) 7 Page - Burr-Brown (TI)

Back Button TMP422 Datasheet HTML 3Page - Burr-Brown (TI) TMP422 Datasheet HTML 4Page - Burr-Brown (TI) TMP422 Datasheet HTML 5Page - Burr-Brown (TI) TMP422 Datasheet HTML 6Page - Burr-Brown (TI) TMP422 Datasheet HTML 7Page - Burr-Brown (TI) TMP422 Datasheet HTML 8Page - Burr-Brown (TI) TMP422 Datasheet HTML 9Page - Burr-Brown (TI) TMP422 Datasheet HTML 10Page - Burr-Brown (TI) TMP422 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
APPLICATION INFORMATION
0.1 F
m
10kW
(typ)
10kW
(typ)
TMP421
DXP
DXN
V+
8
7
6
5
2
1
R
S
(2)
R
S
(2)
C
DIFF
(3)
C
DIFF
(3)
R
S
(2)
R
S
(2)
GND
SCL
SDA
+5V
SMBus
Controller
Diode-connectedconfiguration :
(1)
SeriesResistance
Transistor-connectedconfiguration:
(1)
(1)Diode-connectedconfigurationprovidesbettersettlingtime.
Transistor-connectedconfigurationprovidesbetterseriesresistancecancellation.
(2)R shouldbe<1.5kW inmostapplications.
S
(3)C
shouldbe<1000pFinmostapplications.
DIFF
NOTES:
A1
A0
4
3
TMP422
DX1
(4)
DX2
(4)
5
2
1
R
S
(2)
R
S
(2)
C
DIFF
(3)
C
DIFF
(3)
R
S
(2)
R
S
(2)
GND
Diode-connectedconfiguration :
(1)
SeriesResistance
Transistor-connectedconfiguration:
(1)
(1)Diode-connectedconfigurationprovidesbettersettlingtime.
Transistor-connectedconfigurationprovidesbetterseriesresistancecancellation.
(2)R shouldbe<1.5kW inmostapplications.
(3)C
shouldbe<1000pFinmostapplications.
(4)TMP422SMBusslaveaddressis
whenconnectedasshown.
1001100
S
DIFF
NOTES:
DX3
(4)
DX4
(4)
4
3
R
S
(2)
R
S
(2)
C
DIFF
(3)
0.1 F
m
10kW
(typ)
10kW
(typ)
V+
8
7
6
SCL
SDA
+5V
SMBus
Controller
DXP1
DXN1
DXP2
DXN2
TMP421
TMP422
SBOS398A – JULY 2007 – REVISED SEPTEMBER 2007
For proper remote temperature sensing operation, the
The
TMP421
(two-channel)
and
TMP422
TMP421
requires
only
a
transistor
connected
(three-channel) are digital temperature sensors that
between DXP and DXN; the TMP422 requires
combine
a
local
die
temperature
measurement
transistors connected between DX1 and DX2 and
channel and one or two remote junction temperature
between DX3 and DX4. . The SCL and SDA interface
measurement channels in a single SOT23-8 package.
pins
require
pull-up
resistors
as
part
of
the
The
TMP421/22
are
Two-Wire-
and
SMBus
communication bus. A 0.1
μF power-supply bypass
interface-compatible
and
are
specified
over
a
capacitor is recommended for good local bypassing.
temperature
range
of
–40
°C to +125°C. The
Figure 11 shows a typical configuration for the
TMP421/22 contain multiple registers for holding
TMP421, and Figure 12 for the TMP422.
configuration
information
and
temperature
measurement results.
Figure 11. TMP421 Basic Connections
Figure 12. TMP422 Basic Connections
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TMP421 TMP422


Podobny numer części - TMP422

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP422 TI-TMP422 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP422 TI1-TMP422 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP422 TI1-TMP422 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP422 TI1-TMP422 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
More results

Podobny opis - TMP422

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com