Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADNS-3080 Arkusz danych(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Numer części ADNS-3080
Szczegółowy opis  High-Performance Optical Mouse Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-3080 Arkusz danych(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-3080 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-3080 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-3080 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-3080 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-3080 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-3080 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-3080 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-3080 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNS-3080 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
Figure 8. Schematic Diagram for USB, PS/2 mouse application with ADNS-3080
Notes
Caps for pins 15 and 17 MUST have trace lengths LESS than 5 mm to nearest ground pin.
Pins 15 and 17 caps MUST use pin 16 GND.
Pin 9, if used, should not be connected to PCB GND to reduce potential RF emissions.
The 0.1 uF caps must be ceramic.
Caps should have less than 5 nH of self inductance.
Caps should have less than 0.2 Ω ESR.
NC pins should not be connected to any traces.
Surface mount parts are recommended.
Care must be taken when interfacing a 5V microcontroller to the ADNS-3080. Serial port inputs on the sensor should be connected to open-
drain outputs from the microcontroller or use an active drive level shifter. NPD and RESET should be connected to 5V microcontroller outputs
through a resistor divider or other level shifting technique.
VDD3 and GND should have low impedance connections to the power supply.
Capacitors connected to pin 15 and 17 should be connected to pin 16 and then to pin 19.
0.1
uF
14
10
Vcc
Vpp
9
VSS
Ceramic Resonator
Murata
CSALS 24 M 0X 53 -B 0
TDK FCR 24. 0 M 2G
17
5
V DD
LED_CTRL
SURFACE
Internal
Image
Sensor
ADNS
2120
Lens
HLMP-ED80
24 MHz
8
10
OSC_OUT
OSC_IN
15
GND
24
P0.5*
3
P0.4*
4
6
MOSI
RESET
P0.2
23
1.3 K
16
15
D -
D +
Vreg
11
P1.7
P1.5
P1.4
17
18
7
Vcc
D +
D -
GND
SHLD
6 MHz
12
13
XTALIN
XTALOUT
(Optional)
6
5
P1.2
P1.0
Buttons
L
M
V DD
19
16 GND
REFB
14
P0.3
7
NPD
4
P0.7*
3
SCLK
21
P0.6
2
MISO
22
9
GUARD
11 18
20
P1.1
R
20K
20K
1
NCS
LP2950ACZ-3.3
13
REFC
2.2
uF
187
1/8 W
Vcc
Vo 3.3V
12
OPTP
20
10 K
10 K
Vcc
Vcc
QA
QB
ALPS
EC10E
Scroll Wheel
Encoder
1
2
3
20k
20k
0.1uF
4.7uF
0.1uF
Vin
Vo
GND
2
4.7uF
+
0.1uF
3
1
BS170
+
+
Notes:
- All capacitors close to chip
- 24MHz and 6MHz oscillators close to chip
- * Outputs configured as open drain


Podobny numer części - ADNS-3080

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
ADNS-3080 HP-ADNS-3080 Datasheet
512Kb / 40P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3080 PIXART-ADNS-3080 Datasheet
637Kb / 38P
   High-Performance Optical Mouse Sensor
More results

Podobny opis - ADNS-3080

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3080 HP-ADNS-3080 Datasheet
512Kb / 40P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090_17 Datasheet
676Kb / 8P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3090 AVAGO-ADNS-3090 Datasheet
449Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3080 PIXART-ADNS-3080 Datasheet
637Kb / 38P
   High-Performance Optical Mouse Sensor
PAN301BSI-208 PIXART-PAN301BSI-208 Datasheet
464Kb / 27P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
List of Unclassifed Man...
PAN301A ETC2-PAN301A Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Pixart Imaging Inc.
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com