Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-SG10 Arkusz danych(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-SG10
Szczegółowy opis  4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-SG10 Arkusz danych(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-SG10 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-SG10 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-SG10 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-SG10 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-SG10 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-SG10 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-SG10 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-SG10 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-SG10 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Electrical/Optical Characteristics
TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Typical Viewing Angle[1]
2
θ
1/2
deg
Major
120
Minor
60
Forward Voltage
VF
VIF = 20 mA
Red (
λ
d = 626 nm)
1.9
2.4
Red (
λ
d = 630 nm)
2.0
2.4[2]
Amber (
λ
d = 590 nm)
2.02
2.4
Amber (
λ
d = 592 nm)
2.15
2.4[2]
Blue (
λ
d = 470 nm)
3.5
4.0
Green (
λ
d = 526 nm)
3.5
4.0
Reverse Voltage
VR
VIR = 100 µA
Amber and Red
5
20
Blue and Green
5
Peak Wavelength
λ
PEAK
nm
Peak of Wavelength of
Red (
λ
d = 626 nm)
635
Spectral Distribution
Red (
λ
d = 630 nm)
639
at IF = 20 mA
Amber (
λ
d = 590 nm)
592
Amber (
λ
d = 592 nm)
594
Notes:
1. 2
θ1/2 is the off-axis angle where the luminous intensity is the on-axis intensity.
2. For options -xxRxx, -xxTxx, and -xxVxx, maximum forward voltage, VF, is 2.6 V. Please refer to VF Bin Table below.
3. The radiant intensity, Ie, in watts per steradian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and ηv is
the luminous efficacy in lumens/watt.
LED Indicators
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Blue (
λ
d = 470 nm)
467
Green (
λ
d = 526 nm)
524
Spectral Halfwidth
∆λ
1/2
nm
Wavelength Width at
Red (
λ
d = 626/630 nm)
17
Spectral Distribution
Amber (
λ
d = 590/592 nm)
17
1/2 Power Point at IF = 20 mA
Blue (
λ
d = 470 nm)
20
Green (
λ
d = 526 nm)
35
Capacitance
C
pF
VF = 0, F = 1 MHz
All Colors
40
Thermal Resistance
R
θ
J-PIN
°C/W
LED Junction-to-Cathode
All Colors
240
Lead
Luminous Efficacy[3]
η
v
lm/W
Emitted Luminous Power/
Red (
λ
d = 626 nm)
150
Emitted Radiant Power
Red (
λ
d = 630 nm)
155
Amber (
λ
d = 590 nm)
480
Amber (
λ
d = 592 nm)
500
Blue (
λ
d = 470 nm)
70
Green (
λ
d = 526 nm)
540


Podobny numer części - HLMP-SG10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-SG10 HP-HLMP-SG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
HLMP-SG10-GK000 HP-HLMP-SG10-GK000 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
HLMP-SG10-JM000 HP-HLMP-SG10-JM000 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
More results

Podobny opis - HLMP-SG10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com