Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8506IDWR Arkusz danych(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ADS8506IDWR
Szczegółowy opis  12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8506IDWR Arkusz danych(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS8506IDWR Datasheet HTML 2Page - Burr-Brown (TI) ADS8506IDWR Datasheet HTML 3Page - Burr-Brown (TI) ADS8506IDWR Datasheet HTML 4Page - Burr-Brown (TI) ADS8506IDWR Datasheet HTML 5Page - Burr-Brown (TI) ADS8506IDWR Datasheet HTML 6Page - Burr-Brown (TI) ADS8506IDWR Datasheet HTML 7Page - Burr-Brown (TI) ADS8506IDWR Datasheet HTML 8Page - Burr-Brown (TI) ADS8506IDWR Datasheet HTML 9Page - Burr-Brown (TI) ADS8506IDWR Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
3.5
4
4.5
5
5.5
10
20
30
40
f -SamplingFrequency-kHz
s
3.5
4
4.5
5
5.5
-40 -25 -10
5
20
35
50 65
80 95 110 125
T -Free-AirTemperature-ºC
A
2.480
2.485
2.490
2.495
2.500
2.505
2.510
2.515
2.520
-40 -25 -10
5
20
35
50 65
80 95 110 125
T -Free-AirTemperature-ºC
A
0
0.05
0.1
0.15
0.2
-45 -30 -15 0
15 30 45 60 75 90 105120
T -Free-AirTemperature-ºC
A
20VBipolarRange
-0.2
-0.15
-0.1
-0.05
0
-45 -30 -15 0
15 30 45 60 75 90 105120
T -Free-AirTemperature-ºC
A
-2
-1
0
1
2
3
-45 -30 -15 0
15 30 45 60 75 90 105120
T -Free-AirTemperature-ºC
A
20VBipolarRange
ADS8506
SLAS484A – SEPTEMBER 2007 – REVISED OCTOBER 2007
Table 1. Input Range Connections (see Figure 42 and Figure 43)
ANALOG INPUT
CONNECT R1IN VIA 200 Ω TO
CONNECT R2IN VIA 100 Ω TO
IMPEDANCE
RANGE
±10 V
VIN
CAP
45.7 k
0 V to 5 V
AGND
VIN
20.0 k
0 V to 4 V
VIN
VIN
21.4 k
POWER SUPPLY CURRENT
INTERNAL REFERENCE
POWER SUPPLY CURRENT
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
SAMPLING FREQUENCY
Figure 1.
Figure 2.
Figure 3.
BIPOLAR POSITIVE FULL-SCALE
BIPOLAR NEGATIVE FULL-SCALE
BIPOLAR OFFSET ERROR
ERROR
ERROR
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 4.
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS8506


Podobny numer części - ADS8506IDWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8506IDWR TI1-ADS8506IDWR Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results

Podobny opis - ADS8506IDWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com