Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-HB55-HJCXX Arkusz danych(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-HB55-HJCXX
Szczegółowy opis  5 mm Precision Optical Performance InGaN Oval LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HB55-HJCXX Arkusz danych(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HB55-HJCXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB55-HJCXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Absolute Maximum Ratings at TA = 25°C
Parameter
Value
DC Forward Current[1]
30 mA
Peak Pulsed Forward Current[2]
100 mA
Power Dissipation
117 mW
Reverse Voltage
5 V (IR = 10
µA)
LED Junction Temperature
130
°C
Operating Temperature Range
–40
°C to +80°C
Storage Temperature Range
–40
°C to +100°C
Electrical /Optical Characteristics Table
TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
Blue (
λd = 470 nm)
VF
3.2
3.7
V
IF = 20 mA
Green (
λd = 525 nm)
3.2
3.9
Reverse Voltage
VR
5IR = 10
µA
Capacitance
Blue (
λd = 470 nm)
C
40
pF
VF = 0, f = 1 MHz
Green (
λd = 525 nm)
Thermal Resistance
R
θJ-PIN
240
°C/W
LED Junction-to-Cathode Lead
Viewing Angle
Major Axis
2
θ1/2
100
deg
Minor Axis
40
Peak Wavelength
Blue (
λd = 470 nm)
λP
467
nm
Peak of Wavelength of Spectral
Green (
λd = 525 nm)
520
Distribution at IF = 20 mA
Spectral Halfwidth
Blue (
λd = 470 nm)
∆λ1/2
24
nm
Wavelength Width at Spectral
Green (
λd = 525 nm)
35
Distribution Power Point at IF = 20 mA
Luminous Efficacy
Blue (
λd = 470 nm)
ηv
75
lm/W
Emitted luminous power/Emitted
Green (
λd = 525 nm)
520
radiant power
Notes:
1. 2
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the on axis intensity.
2. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = Iv/
ηv where Iv is the luminous intensity in candelas and ηv
is the luminous efficacy in lumens/watt.
Notes:
1. Derate linearly as shown in Figure 3.
2. Duty factor 10%, Frequency 1kHz


Podobny numer części - HLMP-HB55-HJCXX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB57 AVAGO-HLMP-HB57 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HB57-KN0XX AVAGO-HLMP-HB57-KN0XX Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HB57-LMCXX AVAGO-HLMP-HB57-LMCXX Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HB57-LP0XX AVAGO-HLMP-HB57-LP0XX Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results

Podobny opis - HLMP-HB55-HJCXX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com