Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-LB11-FJ0XX Arkusz danych(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-LB11-FJ0XX
Szczegółowy opis  4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-LB11-FJ0XX Arkusz danych(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-LB11-FJ0XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11-FJ0XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11-FJ0XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11-FJ0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11-FJ0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11-FJ0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11-FJ0XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB11-FJ0XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Figure 6. Spatial radiation pattern – minor axis.
1.0
0
ANGLE – DEGREES
-90
0.5
-30
10
50
90
-10
30
-70
70
-50
Figure 2. Relative luminous intensity vs.
forward current.
Figure 3. Forward current vs. ambient temperature.
Figure 4. Forward current vs. forward voltage.
Figure 5. Relative dominant wavelength vs.
forward current.
0
0
FORWARD CURRENT – mA
15
25
1.2
0.6
30
0.2
0.8
1.4
20
5
1.0
0.4
10
0
0
AMBIENT TEMPERATURE – °C
30
60
25
20
15
10
5
10
50
80
35
90
R
θJA = 780°C/W
20
40
70
30
R
θJA =
585°C/W
0
25
10
FORWARD VOLTAGE – V
0
5.0
1.5 2.0 2.5
5
15
30
1.0
0.5
20
3.0 3.5 4.0 4.5
0.985
1.025
1.000
FORWARD CURRENT – mA
0
0.990
1.010
1.035
1.015
510
15
20
25
30
0.995
1.005
1.020
1.030
GREEN
BLUE


Podobny numer części - HLMP-LB11-FJ0XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB17 AVAGO-HLMP-LB17 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-LB17-LP0XX AVAGO-HLMP-LB17-LP0XX Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
More results

Podobny opis - HLMP-LB11-FJ0XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
logo
Agilent(Hewlett-Packard...
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com