Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-LM11-NR0XX Arkusz danych(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-LM11-NR0XX
Szczegółowy opis  4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-LM11-NR0XX Arkusz danych(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-LM11-NR0XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM11-NR0XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM11-NR0XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM11-NR0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM11-NR0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM11-NR0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM11-NR0XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM11-NR0XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
These Precision Optical Performance Oval LEDs are
specifically designed for full color/video and
passenger information signs. The oval shaped
radiation pattern and high luminous intensity ensure
that this device is excellent for wide field of view
outdoor applications where a wide viewing angle and
readability in sunlight are essential. This lamp has
very smooth, matched radiation patterns ensuring
consistent color mixing in full color applications,
message uniformity across the viewing angle of the
sign. High efficiency LED material is used in this
lamp: Indium Gallium Nitride for Blue and Green.
Each lamp is made with an advanced optical grade
epoxy offering superior high temperature and high
moisture resistance in outdoor applications. The
package epoxy contains both UV-a and UV-b
inhibitors to reduce the effects of long term exposure
to direct sunlight.
Features
• Well defined spatial radiation pattern
• High brightness material
– Blue InGaN 470 nm
– Green InGaN 525 nm
Applications
• Full color signs
• Commercial outdoor advertising
Benefits
• Viewing angle designed for wide field of view
applications
• Superior performance for outdoor environments
HLMP-LB11/HLMP-LM11
4 mm Precision Optical Performance
InGaN Standard Oval LED Lamps
Data Sheet
CAUTION: Devises are Class I ESD sensitive. Please observe appropriate precautions during handling and processing. Refer to
Application Note AN-1142 for additional details.


Podobny numer części - HLMP-LM11-NR0XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LM17 AVAGO-HLMP-LM17 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-LM17-SV0XX AVAGO-HLMP-LM17-SV0XX Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
More results

Podobny opis - HLMP-LM11-NR0XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
   4 mm Oval Precision Optical Performance LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
logo
Agilent(Hewlett-Packard...
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com