Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

G1084T53U Arkusz danych(PDF) 5 Page - Global Mixed-mode Technology Inc

Numer części G1084T53U
Szczegółowy opis  5A Adjustable Low-Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GMT [Global Mixed-mode Technology Inc]
Strona internetowa  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1084T53U Arkusz danych(HTML) 5 Page - Global Mixed-mode Technology Inc

  G1084T53U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1084T53U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1084T53U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1084T53U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1084T53U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1084T53U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1084T53U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1084T53U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1084T53U Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Ver: 1.4
Jun 14, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G1084
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
Dropout Voltage vs. IOUT
Load Regulation
Output Voltage vs. Temperature
IL = 2.5A
Adj Pin Current vs. Temperature
0
0.5
1
1.5
2
0123
4
IOUT (A)
T = 25°C
1.240
1.243
1.245
1.248
1.250
1.253
1.255
-50
-30
-10
10
30
50
70
Temperature (°C)
VIN = 5V
VIN = 3V
30
40
50
60
70
80
90
100
-50
-30
-10
10
30
50
70
Temperature (
°C)
VIN = 5V
VIN = 3V
-5
-3
-1
1
3
5
-50
-30
-10
10305070
Temperature (
°C)
IL = 10mA~2.5A
VIN = 3V
VIN = 5V
IL = 2.5A
0
0.5
1
1.5
2
2.5
3
3.5
4
25
35
45
55
65
75
85
TAMB (°C)
A=0.1
A=0.2
A=0.3
A=0.4
A=0.5
A=1.0
A=1.5
A=2.0
A=2.5
A=3.0
A=3.5
A=4.0
A=4.5
A=5.0
G1084T43(TO-252) Max. Power
Dissipation vs. TAMB (still air)
( Different PCB Top Copper Area )
Unit : in
2
0
0.5
1
1.5
2
2.5
3
3.5
4
01
23
45
PCB Top Copper Area (in
2)
G1084T43(TO-252) Max. Power
Dissipation vs. PCB Top Copper
Area TAMB = 25°C ; Still Air


Podobny numer części - G1084T53U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Global Mixed-mode Techn...
G1084T53U GMT-G1084T53U Datasheet
346Kb / 8P
   5A Adjustable Low-Dropout Linear Regulator
G1084T53UF GMT-G1084T53UF Datasheet
346Kb / 8P
   5A Adjustable Low-Dropout Linear Regulator
More results

Podobny opis - G1084T53U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084 Datasheet
346Kb / 8P
   5A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com