Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8206 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD8206
Szczegółowy opis  Precision, Dual-Channel Difference Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8206 Arkusz danych(HTML) 4 Page - Analog Devices

  AD8206 Datasheet HTML 1Page - Analog Devices AD8206 Datasheet HTML 2Page - Analog Devices AD8206 Datasheet HTML 3Page - Analog Devices AD8206 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AD8222
Preliminary Technical Data
Rev. PrA | Page 4 of 4
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VGGC.
1
0.65
BSC
0.60 MAX
PIN 1
INDICATOR
1.95 BCS
0.50
0.40
0.30
0.25 MIN
3.75
BSC SQ
TOP VIEW
12° MAX
0.80 MAX
0.65 TYP
SEATING
PLANE
PIN 1
INDICATOR
COPLANARITY
0.08
1.00
0.85
0.80
0.30
0.23
0.18
0.05 MAX
0.02 NOM
0.20 REF
4.00
BSC SQ
2.65
2.50 SQ
2.35
16
5
13
8
9
12
4
EXPOSED
PAD
BOTTOM VIEW
Figure 2. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Thin Quad
(CP-16-13)
Dimensions are shown in millimeters
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR06979-0-8/07(PrA)


Podobny numer części - AD8206

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8206 AD-AD8206 Datasheet
262Kb / 12P
   Single-Supply 42 V System Difference Amplifier
Rev. PrA
AD8206 AD-AD8206 Datasheet
381Kb / 20P
   Programmable Gain Precision Difference Amplifier
Rev. 0
AD8206 AD-AD8206 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
AD8206 AD-AD8206 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
AD8206 AD-AD8206 Datasheet
344Kb / 12P
   Single-Supply, 42 V System Difference Amplifier
REV. 0
More results

Podobny opis - AD8206

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8270 AD-AD8270_08 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
REV. 0
AD8720 AD-AD8720_08 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
AD8270 AD-AD8270_16 Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
AD8273 AD-AD8273 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
AD8273 AD-AD8273_08 Datasheet
425Kb / 16P
   Dual-Channel, Audio Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
[Old version datasheet]   Precision Voltage Difference Amplifier
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com