Zakładka z wyszukiwarką danych komponentów |
|
SN74HC367DT Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
SN74HC367DT Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 17 page SN54HC367, SN74HC367 HEX BUFFERS AND LINE DRIVERS WITH 3STATE OUTPUTS SCLS309D − JANUARY 1996 − REVISED SEPTEMBER 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION VOLTAGE WAVEFORM INPUT RISE AND FALL TIMES 50% 50% 10% 10% 90% 90% VCC 0 V tr tf Input VOLTAGE WAVEFORMS PROPAGATION DELAY AND OUTPUT TRANSITION TIMES 50% 50% 50% 10% 10% 90% 90% VCC VOH VOL 0 V tr tf Input In-Phase Output 50% tPLH tPHL 50% 50% 10% 10% 90% 90% VOH VOL tr tf tPHL tPLH Out-of-Phase Output 50% 10% 90% VCC ≈VCC VOL 0 V Output Control (Low-Level Enabling) Output Waveform 1 (See Note B) 50% tPZL tPLZ VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES FOR 3-STATE OUTPUTS VOH ≈0 V 50% 50% tPZH tPHZ Output Waveform 2 (See Note B) ≈VCC Test Point From Output Under Test CL (see Note A) RL VCC S1 S2 LOAD CIRCUIT PARAMETER CL tPZH tpd or tt tdis ten tPZL tPHZ tPLZ 1 k Ω 1 k Ω 50 pF or 150 pF 50 pF Open Closed RL S1 Closed Open S2 Open Closed Closed Open 50 pF or 150 pF Open Open −− NOTES: A. CL includes probe and test-fixture capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns. D. The outputs are measured one at a time with one input transition per measurement. E. tPLH and tPHL are the same as tpd. F. tPLZ and tPHZ are the same as tdis. G. tPZL and tPZH are the same as ten. Figure 1. Load Circuit and Voltage Waveforms |
Podobny numer części - SN74HC367DT |
|
Podobny opis - SN74HC367DT |