Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM1112 Arkusz danych(PDF) 4 Page - Ramtron International Corporation

Numer części FM1112
Szczegółowy opis  Nonvolatile 3V Quad State Saver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RAMTRON [Ramtron International Corporation]
Strona internetowa  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1112 Arkusz danych(HTML) 4 Page - Ramtron International Corporation

  FM1112 Datasheet HTML 1Page - Ramtron International Corporation FM1112 Datasheet HTML 2Page - Ramtron International Corporation FM1112 Datasheet HTML 3Page - Ramtron International Corporation FM1112 Datasheet HTML 4Page - Ramtron International Corporation FM1112 Datasheet HTML 5Page - Ramtron International Corporation FM1112 Datasheet HTML 6Page - Ramtron International Corporation FM1112 Datasheet HTML 7Page - Ramtron International Corporation FM1112 Datasheet HTML 8Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FM1112 NV Quad State Saver
Rev. 1.0
Aug. 2007
Page 4 of 8
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +5.0V
VIN
Voltage on any signal pin with respect to VSS
-1.0V to +5.0V
and VIN < VDD+1.0V
TSTG
Storage temperature
-55
°C to + 125°C
TLEAD
Lead temperature (Soldering, 10 seconds)
300
° C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40° C to + 85° C, VDD = 2.7V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply Voltage
2.7
-
3.6
V
ISB
Standby Current
-
10
µA
1
CPD
Power Dissipation Capacitance
-
330
pF
2
ILI
Input Leakage Current
±1
µA
3
ILO
Output Leakage Current
±1
µA
3
VIL
Input Low Voltage
-0.3
0.3 VDD
V
VIH
Input High Voltage
0.7 VDD
VDD + 0.3
V
VOH
Output High Voltage
@
IOH = -1 mA
VDD – 0.5
-
V
VOL
Output Low Voltage
@
IOL = 1 mA (VDD=2.7V)
@
IOL = 10 mA (VDD=2.7V)
-
-
0.4
0.8
V
V
VHYS
Input Hysteresis (CLK, DN, EN)
0.05 VDD
V
4
Notes
1. CLK = VSS, all other inputs at VDD or VSS.
2. To calculate device power dissipation, PD = CPD*VDD2*fi + CL*VDD2*fo, where fi is the input clk freq, fo is the output freq,
and CL is the output load capacitance. Active current IDD may be calculated as IDD = CPD*VDD*fi, assuming outputs are
floating.
3. VIN or VOUT = VSS to VDD.
4. This parameter is characterized but not tested.


Podobny numer części - FM1112

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM1110 RAMTRON-FM1110 Datasheet
259Kb / 8P
   Nonvolatile 5V Quad State Saver
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
More results

Podobny opis - FM1112

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1107 RAMTRON-FM1107 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106_09 Datasheet
121Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1110 RAMTRON-FM1110 Datasheet
259Kb / 8P
   Nonvolatile 5V Quad State Saver
FM1105 RAMTRON-FM1105_09 Datasheet
121Kb / 8P
   Nonvolatile 5V Dual State Saver
FM1105 RAMTRON-FM1105 Datasheet
117Kb / 8P
   Nonvolatile 5V Dual State Saver
logo
Dallas Semiconductor
DS1314 DALLAS-DS1314_05 Datasheet
188Kb / 11P
   3V Nonvolatile Controller with Lithium Battery Monitor
logo
ARTSCHIP ELECTRONICS CO...
DS1314 ARTSCHIP-DS1314 Datasheet
294Kb / 10P
   3V Nonvolatile Controller with Lithium Battery Monitor
logo
Dallas Semiconductor
DS1314 DALLAS-DS1314 Datasheet
201Kb / 11P
   3V Nonvolatile Controller with Lithium Battery Monitor
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com