Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM1107 Arkusz danych(PDF) 3 Page - Ramtron International Corporation

Numer części FM1107
Szczegółowy opis  Nonvolatile 3V Dual State Saver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RAMTRON [Ramtron International Corporation]
Strona internetowa  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1107 Arkusz danych(HTML) 3 Page - Ramtron International Corporation

  FM1107 Datasheet HTML 1Page - Ramtron International Corporation FM1107 Datasheet HTML 2Page - Ramtron International Corporation FM1107 Datasheet HTML 3Page - Ramtron International Corporation FM1107 Datasheet HTML 4Page - Ramtron International Corporation FM1107 Datasheet HTML 5Page - Ramtron International Corporation FM1107 Datasheet HTML 6Page - Ramtron International Corporation FM1107 Datasheet HTML 7Page - Ramtron International Corporation FM1107 Datasheet HTML 8Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FM1107 NV Dual State Saver
Rev. 1.2
Aug. 2007
Page 3 of 8
Description
Nonvolatile
storage
applied
to
logic
is
a
revolutionary concept. The FM1107 simplifies the
design of system control functions. This product is
unique because it remembers the stored output
values in the absence of power. Any change in the
latched state is automatically written to a nonvolatile
ferroelectric latch. This function is possible due to
the fast write time and extremely high write
endurance of the underlying ferroelectric memory
technology.
Use of Enable Pin
The FM1107 has an enable pin that is intended to be
used in conjunction with a system reset. An active-
low reset may be tied directly to the EN pin. At
power-up, /RESET will be held low for some time
during which the data input and CLK pins will be
ignored. Once the system comes out of reset and EN
goes high, the outputs QN drive to the state that were
previously latched and the device operates normally.
When the EN pin is low, the outputs QN are tri-
stated.
The enable pin must not be tied to VDD because the
device does not have any power management circuits
to monitor VDD. The enable input must be held low
during power cycles.


Podobny numer części - FM1107

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Formosa MS
FM1100 FORMOSA-FM1100 Datasheet
68Kb / 2P
   Silicon epitaxial planer type
FM1100 FORMOSA-FM1100 Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Microdiode Electronics ...
FM1100 CHENDA-FM1100 Datasheet
910Kb / 5P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
Rectron Semiconductor
FM1100 RECTRON-FM1100 Datasheet
269Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-10 REV: F
logo
Formosa MS
FM1100-L FORMOSA-FM1100-L Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Podobny opis - FM1107

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM1106 RAMTRON-FM1106 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106_09 Datasheet
121Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1112 RAMTRON-FM1112 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1105 RAMTRON-FM1105_09 Datasheet
121Kb / 8P
   Nonvolatile 5V Dual State Saver
FM1105 RAMTRON-FM1105 Datasheet
117Kb / 8P
   Nonvolatile 5V Dual State Saver
FM1110 RAMTRON-FM1110 Datasheet
259Kb / 8P
   Nonvolatile 5V Quad State Saver
logo
Dallas Semiconductor
DS1314 DALLAS-DS1314_05 Datasheet
188Kb / 11P
   3V Nonvolatile Controller with Lithium Battery Monitor
logo
Glenair, Inc.
891-016 GLENAIR-891-016 Datasheet
635Kb / 2P
   Dual Row Nano Connector Saver
logo
ARTSCHIP ELECTRONICS CO...
DS1314 ARTSCHIP-DS1314 Datasheet
294Kb / 10P
   3V Nonvolatile Controller with Lithium Battery Monitor
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com