Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD74HC4017PWRG4 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części CD74HC4017PWRG4
Szczegółowy opis  High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4017PWRG4 Arkusz danych(HTML) 5 Page - Texas Instruments

  CD74HC4017PWRG4 Datasheet HTML 1Page - Texas Instruments CD74HC4017PWRG4 Datasheet HTML 2Page - Texas Instruments CD74HC4017PWRG4 Datasheet HTML 3Page - Texas Instruments CD74HC4017PWRG4 Datasheet HTML 4Page - Texas Instruments CD74HC4017PWRG4 Datasheet HTML 5Page - Texas Instruments CD74HC4017PWRG4 Datasheet HTML 6Page - Texas Instruments CD74HC4017PWRG4 Datasheet HTML 7Page - Texas Instruments CD74HC4017PWRG4 Datasheet HTML 8Page - Texas Instruments CD74HC4017PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
MR to any Dec. Out
tPLH,
tPHL
CL = 50pF
2
-
-
230
-
290
-
345
ns
CL = 50pF
4.5
-
-
46
-
58
-
69
ns
CL = 15pF
5
-
19
-
-
-
-
-
ns
CL = 50pF
6
-
-
39
-
49
-
59
ns
MR to TC
tPLH,
tPHL
CL = 50pF
2
-
-
230
-
290
-
345
ns
CL = 50pF
4.5
-
-
46
-
58
-
69
ns
CL = 15pF
5
-
19
-
-
-
-
-
ns
CL = 50pF
6
-
-
39
-
49
-
59
ns
Transition Time TC, Dec. Out
tTLH,tTHL
CL = 50pF
2
-
-
75
-
95
-
110
ns
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
CL = 50pF
6
-
-
13
-
16
-
19
ns
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
Maximum CP Frequency
fMAX
CL = 15pF
5
-
60
-
-
-
-
-
MHz
Power Dissipation Capacitance
(Notes 2, 3)
CPD
CL = 15pF
5
-
39
-
-
-
-
-
pF
NOTES:
2. CPD is used to determine the dynamic power consumption, per package.
3. PD = VCC
2 f
i Σ€ CL VCC
2 fo where f
i = input frequency, fo = output frequency, CL = output load capacitance, VCC = supply voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 1. HC CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
FIGURE 2. HC TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
CLOCK
90%
50%
10%
GND
VCC
trCL
tfCL
50%
50%
tWL
tWH
10%
tWL + tWH =
fCL
I
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
CD54HC4017, CD74HC4017


Podobny numer części - CD74HC4017PWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74HC4017PWRG4 TI-CD74HC4017PWRG4 Datasheet
528Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
More results

Podobny opis - CD74HC4017PWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74HC4017-EP TI1-CD74HC4017-EP Datasheet
618Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
CD54HC4017 TI-CD54HC4017_08 Datasheet
528Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017-Q1 TI1-CD74HC4017-Q1 Datasheet
320Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
CD54HC4017 TI-CD54HC4017 Datasheet
347Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017 TI-CD74HC4017 Datasheet
48Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com