Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM25CL04 Arkusz danych(PDF) 5 Page - Ramtron International Corporation

Numer części FM25CL04
Szczegółowy opis  4Kb FRAM Serial 3V Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RAMTRON [Ramtron International Corporation]
Strona internetowa  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25CL04 Arkusz danych(HTML) 5 Page - Ramtron International Corporation

  FM25CL04 Datasheet HTML 1Page - Ramtron International Corporation FM25CL04 Datasheet HTML 2Page - Ramtron International Corporation FM25CL04 Datasheet HTML 3Page - Ramtron International Corporation FM25CL04 Datasheet HTML 4Page - Ramtron International Corporation FM25CL04 Datasheet HTML 5Page - Ramtron International Corporation FM25CL04 Datasheet HTML 6Page - Ramtron International Corporation FM25CL04 Datasheet HTML 7Page - Ramtron International Corporation FM25CL04 Datasheet HTML 8Page - Ramtron International Corporation FM25CL04 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
N
O
T
R
EC
O
M
ME
N
D
ED
FO
R
N
EW
D
ES
IG
N
S
R
ep
la
ce
d
by
FM
25
L0
4
FM25CL04
Rev. 3.1
May 2005
Page 5 of 12
Data Transfer
All data transfers to and from the FM25CL04 occur
in 8-bit groups. They are synchronized to the clock
signal (SCK), and they transfer most significant bit
(MSB) first. Serial inputs are registered on the rising
edge of SCK. Outputs are driven from the falling
edge of SCK.
Command Structure
There are six commands called op-codes that can be
issued by the bus master to the FM25CL04. They are
listed in the table below. These op-codes control the
functions performed by the memory. They can be
divided
into
three
categories.
First,
there
are
commands that have no subsequent operations. They
perform a single function such as to enable a write
operation. Second are commands followed by one
byte, either in or out. They operate on the status
register. The third group includes commands for
memory transactions followed by address and one or
more bytes of data.
Table 1. Op-code Commands
Name
Description
Op-code
WREN
Set Write Enable Latch
00000110b
WRDI
Write Disable
00000100b
RDSR
Read Status Register
00000101b
WRSR
Write Status Register
00000001b
READ
Read Memory Data
0000A011b
WRITE
Write Memory Data
0000A010b
WREN - Set Write Enable Latch
The FM25CL04 will power up with writes disabled.
The WREN command must be issued prior to any
write operation. Sending the WREN op-code will
allow the user to issue subsequent op-codes for
write operations. These include writing the status
register and writing the memory.
Sending the WREN op-code causes the internal
Write Enable Latch to be set. A flag bit in the status
register, called WEL, indicates the state of the latch.
WEL=1
indicates
that
writes
are
permitted.
Attempting to write the WEL bit in the status
register has no effect. Completing any write
operation will automatically clear the write-enable
latch and prevent further writes without another
WREN command. Figure 5 below illustrates the
WREN command bus configuration.
WRDI - Write Disable
The WRDI command disables all write activity by
clearing the Write Enable Latch. The user can verify
that writes are disabled by reading the WEL bit in
the status register and verifying that WEL=0. Figure
6 illustrates the WRDI command bus configuration.
Hi-Z
0
1
2
3
4
5
6
7
0
0
0
0
0
1
1
0
CS
SCK
SI
SO
Figure 5. WREN Bus Configuration
CS
SCK
SI
SO
Hi-Z
0
1
2
3
4
5
6
7
0
0
0
0
0
1
0
0
Figure 6. WRDI Bus Configuration


Podobny numer części - FM25CL04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FM25CL04 ETC-FM25CL04 Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
FM25CL04-S ETC-FM25CL04-S Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
More results

Podobny opis - FM25CL04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FM25CL04 ETC-FM25CL04 Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM24CL04 ETC-FM24CL04 Datasheet
119Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
   4Kb FRAM Serial Memory
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com