Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF1407SPBF Arkusz danych(PDF) 9 Page - International Rectifier

Numer części IRF1407SPBF
Szczegółowy opis  HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF1407SPBF Arkusz danych(HTML) 9 Page - International Rectifier

Back Button IRF1407SPBF Datasheet HTML 4Page - International Rectifier IRF1407SPBF Datasheet HTML 5Page - International Rectifier IRF1407SPBF Datasheet HTML 6Page - International Rectifier IRF1407SPBF Datasheet HTML 7Page - International Rectifier IRF1407SPBF Datasheet HTML 8Page - International Rectifier IRF1407SPBF Datasheet HTML 9Page - International Rectifier IRF1407SPBF Datasheet HTML 10Page - International Rectifier IRF1407SPBF Datasheet HTML 11Page - International Rectifier IRF1407SPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IRF1407S/LPbF
www.irf.com
9
D2Pak Part Marking Information
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
Note: "P" in as s embly line
pos ition indicates "Lead-F ree"
F530S
T HIS IS AN IRF 530S WIT H
LOT CODE 8024
ASSE MB LE D ON WW 02, 2000
IN T HE ASSE MB LY L INE "L"
AS SE MB LY
LOT CODE
INT E RNAT IONAL
RE CT IF IE R
LOGO
PART NUMB E R
DAT E CODE
YE AR 0 = 2000
WEE K 02
LINE L
OR
F530S
A = AS S EMBLY S IT E CODE
WEE K 02
P = DES IGNAT E S LE AD-F RE E
PRODUCT (OPT IONAL)
RE CT IF IER
INT ERNAT IONAL
LOGO
LOT CODE
AS S E MB LY
YEAR 0 = 2000
DAT E CODE
PART NUMBER


Podobny numer części - IRF1407SPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF1407SPBF IRF-IRF1407SPBF Datasheet
259Kb / 12P
   Advanced Process Technology
logo
Infineon Technologies A...
IRF1407SPBF INFINEON-IRF1407SPBF Datasheet
578Kb / 12P
   HEXFET짰 Power MOSFET
2016-5-26
logo
International Rectifier
IRF1407SPBF IRF-IRF1407SPBF_15 Datasheet
259Kb / 12P
   Advanced Process Technology
More results

Podobny opis - IRF1407SPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
   Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
IRFZ44VZPBF IRF-IRFZ44VZPBF Datasheet
355Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 12m廓 , ID = 57A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
IRFP054VPBF IRF-IRFP054VPBF Datasheet
176Kb / 9P
   HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 9.0m廓 , ID = 93A )
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
IRF3710SPBF IRF-IRF3710SPBF Datasheet
279Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = 100V , RDS(on) = 23m廓 , ID = 57A )
IRFP2907PBF IRF-IRFP2907PBF Datasheet
207Kb / 10P
   AUTOMOTIVE MOSFET (VDSS = 75V , RDS(on) = 4.5m廓 , ID = 209A)
IRFZ46N IRF-IRFZ46N_04 Datasheet
190Kb / 9P
   HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com