Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDD8453LZ Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FDD8453LZ
Szczegółowy opis  N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.7m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8453LZ Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FDD8453LZ Datasheet HTML 1Page - Fairchild Semiconductor FDD8453LZ Datasheet HTML 2Page - Fairchild Semiconductor FDD8453LZ Datasheet HTML 3Page - Fairchild Semiconductor FDD8453LZ Datasheet HTML 4Page - Fairchild Semiconductor FDD8453LZ Datasheet HTML 5Page - Fairchild Semiconductor FDD8453LZ Datasheet HTML 6Page - Fairchild Semiconductor FDD8453LZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
©2007 Fairchild Semiconductor Corporation
FDD8453LZ Rev.C
Figure 7.
0
1020
3040
50
0
2
4
6
8
10
ID = 15A
VDD = 25V
VDD = 15V
Qg, GATE CHARGE (nC)
VDD = 20V
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
1000
4000
40
f = 1MHz
VGS = 0V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.01
0.1
1
10
100
1000
1
10
20
TJ = 25oC
TJ = 125oC
t
AV, TIME IN AVALANCHE (ms)
Unclamped Inductive
Switching Capability
Figure 10.
0
5
10
15
20
25
30
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
VGS = 0V
TJ = 25oC
TJ = 150oC
VGS, GATE TO SOURCE VOLTAGE (V)
Gate Leakage Current vs Gate to
Source Voltage
Figure 11. Maximum Continuous Drain
Current vs Ambient Temperature
25
50
75
100
125
150
0
20
40
60
80
Limited by Package
RθJC = 1.9
o
C/W
VGS = 4.5V
VGS = 10V
T
C
, CASE TEMPERATURE (
o
C
)
Figure 12.
0.1
1
10
100
0.1
1
10
100
DC
10ms
1ms
100us
THIS AREA IS
LIMITED BY rds(on)
200
SINGLE PULSE
TJ = MAX RATED
RθJC = 1.9
oC/W
TC = 25oC
VDS, DRAIN to SOURCE VOLTAGE (V)
Forward Bias Safe
Operating Area
Typical Characteristics T
J = 25°C unless otherwise noted


Podobny numer części - FDD8453LZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FDD8453LZ ISC-FDD8453LZ Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD8453LZ-F085 ONSEMI-FDD8453LZ-F085 Datasheet
510Kb / 8P
   N-Channel Power Trench짰 MOSFET 40V, 50A, 6.5m廓
August-2017,Rev. 3
logo
Fairchild Semiconductor
FDD8453LZ_F085 FAIRCHILD-FDD8453LZ_F085 Datasheet
417Kb / 7P
   N-Channel Power Trench짰 MOSFET
FDD8453LZ_F085 FAIRCHILD-FDD8453LZ_F085_12 Datasheet
417Kb / 7P
   N-Channel Power Trench짰 MOSFET 40V, 50A, 6.5m廓
More results

Podobny opis - FDD8453LZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L_08 Datasheet
518Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.5m廓
FDD8445 FAIRCHILD-FDD8445_07 Datasheet
360Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8444 FAIRCHILD-FDD8444_10 Datasheet
300Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m廓
FDD8445 FAIRCHILD-FDD8445_10 Datasheet
528Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8447L-F085 FAIRCHILD-FDD8447L-F085 Datasheet
440Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 11.0m廓
FDP8447L FAIRCHILD-FDP8447L Datasheet
188Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8444L_F085 FAIRCHILD-FDD8444L_F085_09 Datasheet
394Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.0m廓
FDD4141 FAIRCHILD-FDD4141_10 Datasheet
272Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
logo
ON Semiconductor
FDD4141-F085 ONSEMI-FDD4141-F085 Datasheet
328Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
November-2018, Rev.4
logo
Fairchild Semiconductor
FDD8444 FAIRCHILD-FDD8444_06 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m?
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com