Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT24WC03UE-1.8TE13 Arkusz danych(PDF) 5 Page - Catalyst Semiconductor

Numer części CAT24WC03UE-1.8TE13
Szczegółowy opis  2K/4K-Bit Serial EEPROM with Partial Array Write Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC03UE-1.8TE13 Arkusz danych(HTML) 5 Page - Catalyst Semiconductor

  CAT24WC03UE-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC03UE-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC03UE-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC03UE-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC03UE-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC03UE-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC03UE-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC03UE-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC03UE-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Discontinued
Parts
CAT24WC03/05
5
Doc. No. 1005, Rev. F
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
A total of four devices can be addressed on a single bus
when using the CAT24WC05 device. Only A1 and A2
address pins are used with this device. The A0 address
pin is a no connect pin and can be tied to VSS or left
floating. If only one CAT24WC05 is being addressed on
the bus, the address pins (A1 and A2) can be left floating
or connected to VSS.
WP: Write Protect
If the WP pin is tied to VCC the upper half of memory array
becomes Write Protected (READ only)(locations 80H to
FFH for the CAT24WC03 and locations 100H to 1FFH
for the CAT24WC05). When the WP pin is tied to VSS or
left floating normal read/write operations are allowed to
the device.
I2C BUS PROTOCOL
The following defines the features of the I2C bus protocol:
(1) Data transfer may be initiated only when the bus is
not busy.
(2) During a data transfer, the data line must remain
stable whenever the clock line is high. Any changes
in the data line while the clock line is high will be
interpreted as a START or STOP condition.
START Condition
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of
SDA when SCL is HIGH. The CAT24WC03/05 monitor
the SDA and SCL lines and will not respond until this
condition is met.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must end
with a STOP condition.
DEVICE ADDRESSING
The bus Master begins a transmission by sending a
START condition. The Master then sends the address
of the particular slave device it is requesting. The four
most significant bits of the 8-bit slave address are fixed
as 1010 for the CAT24WC03/05 (see Fig. 5). The next
three significant bits (A2, A1, A0) are the device address
bits and define which device or which part of the device
the Master is accessing. Up to eight CAT24WC03 and
four CAT24WC05 can be individually addressed by the
system.
The last bit of the slave address specifies
whether a Read or Write operation is to be performed.
When this bit is set to 1, a Read operation is selected,
and when set to 0, a Write operation is selected.
After the Master sends a START condition and the slave
address byte, the CAT24WC03/05 monitors the bus and
responds with an acknowledge (on the SDA line) when
its address matches the transmitted slave address. The
CAT24WC03/05 then performs a Read or Write operation
depending on the state of the R/
W bit.
Acknowledge
After a successful data transfer, each receiving device is
required to generate an acknowledge. The
Acknowledging device pulls down the SDA line during
the ninth clock cycle, signaling that it received the 8 bits
of data.
Figure 4. Acknowledge Timing
Figure 5. Slave Address Bits
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
* A0, A1 and A2 correspond to pin 1, pin 2 and pin 3 of the device.
** a8 corresponds to the address of the memory array address word.
***A0, A1 and A2 must compare to its corresponding hard wired input pins (pins 1, 2 and 3).
1
0
1
0
A2
A1
A0
R/W
1
0
1
0
A2
A1
a8
R/W
24WC03
24WC05


Podobny numer części - CAT24WC03UE-1.8TE13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT24WC03U CATALYST-CAT24WC03U Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03U-1.8 CATALYST-CAT24WC03U-1.8 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03U-1.8TE13 CATALYST-CAT24WC03U-1.8TE13 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03U-TE13 CATALYST-CAT24WC03U-TE13 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC03UA CATALYST-CAT24WC03UA Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
More results

Podobny opis - CAT24WC03UE-1.8TE13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
logo
Samsung semiconductor
S524C20D10 SAMSUNG-S524C20D10 Datasheet
152Kb / 22P
   1K/2K/4K/8K-bit Serial EEPROM with software write protect
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
   4K I2C Serial EEPROM with Software Write Protection
VER 1.1
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
Integrated Silicon Solu...
IS24C52 ISSI-IS24C52 Datasheet
68Kb / 14P
   2k-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com