Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD82550A Arkusz danych(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Numer części AD82550A
Szczegółowy opis  Stereo Digital Audio Amplifier with Headphone Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ESMT [Elite Semiconductor Memory Technology Inc.]
Strona internetowa  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82550A Arkusz danych(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  AD82550A Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD82550A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD82550A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ESMT
AD82550A
Elite Semiconductor Memory Technology Inc.
Publication Date
Apr. 2007
Revision
1.1
3/16
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
DVDD
Supply for Digital Circuit
0
3.6
V
AVDD
Supply for Analog Circuit
0
3.6
V
VDDL(R)
Supply for Left (Right) Channel
0
5.5
V
Vi
Input Voltage
-0.3
3.6
V
Tstg
Storage Temperature
-65
150
oC
Ta
Ambient Operating Temperature
0
70
oC
Voltage Difference between VDDL and VDDR
-1
1
V
Voltage Difference between VDDL(VDDR) and DVDD/AVDD
-3
3
V
VDDL(VDDR) Power-on Voltage Ramp
0.2
V/
μs
Recommended Operating Conditions
Digital Characteristics
Symbol
Parameter
Min
Typ
Max
Units
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
VOH
High-Level Output Voltage
2.4
V
VOL
Low-Level Output Voltage
0.4
V
CI
Input Capacitance
6.4
pF
General Electrical Characteristics
Symbol
Parameter
Condition
Min Typ Max Units
IPD
Supply Current during Power Down
36
μA
Junction Temperature for Driver Shutdown
150
oC
Temperature Hysteresis for Recovery from Shutdown
20
oC
UVH
Under Voltage Disabled (For AVDD)
2.8
V
UVL
Under Voltage Enabled (For AVDD)
2.7
V
Fsw
Switching Rate of Loudspeakers and Headphones
8Fs 8Fs 8Fs
Hz
TPWM
Minimum PWM pulse width
Sec
RSC
Loudspeaker Short-Circuit Detection (Note2)
VDDR(L)=5V
2.8
3.2
Ω
RSCH
Headphone Output Short-Circuit Detection
Steady State
3.0
3.4
Ω
Note2: Loudspeaker short-circuit protection is effective only when external LC or ferrite bead filters are
properly used. Long time short-circuit will reduce device reliability. AD82550A protects itself from
short-circuit damage only when the lines connected to speaker are shorted to each other or to GND.
AD82550A will be burnt if the lines connected to loudspeaker are shorted to VDDL(VDDR).
Package Options
Package Type
Part Number
Thermal Information
24L SSOP 209mil AD82550A-CG θJA = 64.7
oC/W (Condition: still air, multilayer board)
Symbol
Parameter
Typ
Units
DVDD
Supply for Digital Circuit
3.0~3.3
V
AVDD
Supply for Analog Circuit
3.0~3.3
V
VDDL(R)
Supply for Driver Stage
3.0~5.0
V
Ta
Ambient Operating Temperature
0~70
oC
256Fs
1
256Fs
1
256Fs
1


Podobny numer części - AD82550A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elite Semiconductor Mem...
AD82551A ESMT-AD82551A Datasheet
187Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
AD82551A-CG ESMT-AD82551A-CG Datasheet
187Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
More results

Podobny opis - AD82550A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elite Semiconductor Mem...
AD82551A ESMT-AD82551A Datasheet
187Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
AD8256A ESMT-AD8256A Datasheet
319Kb / 4P
   2x16W Stereo Digital Audio Amplifier with Headphone Driver
AD8258A ESMT-AD8258A Datasheet
208Kb / 3P
   Stereo/Mono Digital Audio Amplifier with Headphone Driver and SubWoofer Line-Out
AD8356A ESMT-AD8356A Datasheet
325Kb / 4P
   2.1-Channel Digital Audio Amplifier with Headphone Driver
logo
Integrated Silicon Solu...
IS31AP4088A-QFLS2-TR ISSI-IS31AP4088A-QFLS2-TR Datasheet
346Kb / 20P
   DUAL 2.84W STEREO AUDIO AMPLIFIER PLUS HEADPHONE DRIVER
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
logo
Integrated Silicon Solu...
IS31AP4088A ISSI-IS31AP4088A Datasheet
346Kb / 20P
   DUAL 2.84W STEREO AUDIO AMPLIFIER PLUS HEADPHONE DRIVER
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Anpec Electronics Corop...
APA2051 ANPEC-APA2051 Datasheet
793Kb / 32P
   2.4W Stereo Audio Power Amplifier (with Gain Setting) & Capfree Headphone Driver
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com