Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT25C64S-GT3 Arkusz danych(PDF) 10 Page - Catalyst Semiconductor

Numer części CAT25C64S-GT3
Szczegółowy opis  64K-Bit SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C64S-GT3 Arkusz danych(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT25C64S-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C64S-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C64S-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C64S-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C64S-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C64S-GT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT25C64S-GT3 Datasheet HTML 12Page - Catalyst Semiconductor CAT25C64S-GT3 Datasheet HTML 13Page - Catalyst Semiconductor CAT25C64S-GT3 Datasheet HTML 14Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
CAT25C64
Doc. No. 1112, Rev. B
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PACKAGE INFORMATION
8-LEAD 300 MIL WIDE PLASTIC DIP (P, L)
A
e
b
E1
b2
L
A2
A1
E
D
eB
SYMBOL
A
A1
b
b2
D
D2
E
E1
e
eB
L
MIN
0.120
0.015
0.014
0.355
0.300
0.300
0.310
0.240
0.115
0.130
0.150
NOM
0.018
0.060
0.070
0.045
0.365
0.250
0.430
MAX
0.210
A2
0.115
0.130
0.195
0.022
0.400
0.325
0.325
0.280
0.100 BSC
Notes:
1.
Complies with JEDEC Standard MS001.
2.
All dimensions are in inches.
3.
Dimensioning and tolerancing per ANSI Y14.5M-1982


Podobny numer części - CAT25C64S-GT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT25C64S-1.8TE13 CATALYST-CAT25C64S-1.8TE13 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT25C64S-1.8TE13 CATALYST-CAT25C64S-1.8TE13 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT25C64S-TE13 CATALYST-CAT25C64S-TE13 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT25C64S-TE13 CATALYST-CAT25C64S-TE13 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
More results

Podobny opis - CAT25C64S-GT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
logo
Fairchild Semiconductor
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Catalyst Semiconductor
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
25LC640-ISN MICROCHIP-25LC640-ISN Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25AA640 MICROCHIP-25AA640 Datasheet
196Kb / 12P
   64K SPI Bus Serial EEPROM
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com