Zakładka z wyszukiwarką danych komponentów |
|
CAT25C64LE-1.8-GT3 Arkusz danych(PDF) 5 Page - Catalyst Semiconductor |
|
CAT25C64LE-1.8-GT3 Arkusz danych(HTML) 5 Page - Catalyst Semiconductor |
5 / 16 page 5 CAT25C64 Doc. No. 1112, Rev. B © 2006 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice Protected Unprotected Status WPEN WP WP WP WP WP WEL Blocks Blocks Register 0 X 0 Protected Protected Protected 0 X 1 Protected Writable Writable 1 Low 0 Protected Protected Protected 1 Low 1 Protected Writable Protected X High 0 Protected Protected Protected X High 1 Protected Writable Writable WRITE PROTECT ENABLE OPERATION the communication between the microcontroller and the 25C64. Opcodes, byte addresses, or data present on the SI pin are latched on the rising edge of the SCK. Data on the SO pin is updated on the falling edge of the SCK. CS CS CS CS CS: Chip Select CS is the Chip select pin. CS low enables the CAT25C64 and CS high disables the CAT25C64. CS high takes the SO output pin to high impedance and forces the devices into a Standby Mode (unless an internal write operation is underway). The CAT25C64 draws ZERO current in the Standby mode. A high to low transition on CS is required prior to any sequence being initiated. A low to high transition on CS after a valid write sequence is what initiates an internal write cycle. WP WP WP WP WP: Write Protect WP is the Write Protect pin. The Write Protect pin will allow normal read/write operations when held high. When WP is tied low and the WPEN bit in the status register is set to “1”, all write operations to the status register are inhibited. WP going low while CS is still low will interrupt a write to the status register. If the internal write cycle has already been initiated, WP going low will have no effect on any write operation to the status register. The WP pin function is blocked when the WPEN bit is set to 0. HOLD HOLD HOLD HOLD HOLD: Hold The HOLD pin is used to pause transmission to the CAT25C64 while in the middle of a serial sequence without having to re-transmit entire sequence at a later time. To pause, HOLD must be brought low while SCK is low. The SO pin is in a high impedance state during the time the part is paused, and transitions on the SI pins will be ignored. To resume communication, HOLD is brought high, while SCK is low. (HOLD should be held high any time this function is not being used.) HOLD may be tied high directly to Vcc or tied to Vcc through a resistor. Figure 9 illustrates hold timing sequence. 76543210 WPEN X X X BP1 BP0 WEL RDY STATUS REGISTER Status Register Bits Array Address Protection BP1 BP0 Protected 0 0 None No Protection 0 1 1800-1FFF Quarter Array Protection 1 0 1000-1FFF Half Array Protection 1 1 0000-1FFF Full Array Protection BLOCK PROTECTION BITS |
Podobny numer części - CAT25C64LE-1.8-GT3 |
|
Podobny opis - CAT25C64LE-1.8-GT3 |